Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56F8027 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC56F8027
Description  16-bit Digital Signal Controllers
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8027 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC56F8027 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8027 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 181 page
background image
56F8037/56F8027 Features
56F8037/56F8027 Data Sheet, Rev. 6
Freescale Semiconductor
7
1.1.4
Peripheral Circuits for 56F8037/56F8027
One multi-function six-output Pulse Width Modulator (PWM) module
— Up to 96MHz PWM operating clock
— 15 bits of resolution
— Center-aligned and Edge-aligned PWM signal mode
— Four programmable fault inputs with programmable digital filter
— Double-buffered PWM registers
— Each complementary PWM signal pair allows selection of a PWM supply source from:
–PWM generator
–External GPIO
– Internal timers
– Analog comparator outputs
– ADC conversion result which compares with values of ADC high- and low-limit registers to set
PWM output
Two independent 12-bit Analog-to-Digital Converters (ADCs)
— 2 x 8 channel inputs
— Supports both simultaneous and sequential conversions
— ADC conversions can be synchronized by both PWM and timer modules
— Sampling rate up to 2.67MSPS
— 16-word result buffer registers
Two 12-bit Digital-to-Analog Converters (DACs)
— 2 microsecond settling time when output swing from rail to rail
— Automatic waveform generation generates square, triangle and sawtooth waveforms with
programmable period, update rate, and range
Two 16-bit multi-purpose Quad Timer modules (TMRs)
— Up to 96MHz operating clock
— Eight independent 16-bit counter/timers with cascading capability
— Each timer has capture and compare capability
— Up to 12 operating modes
Two Queued Serial Communication Interfaces (QSCIs) with LIN Slave functionality
— Full-duplex or single-wire operation
— Two receiver wake-up methods:
– Idle line
– Address mark
— Four-bytes-deep FIFOs are available on both transmitter and receiver
Two Queued Serial Peripheral Interfaces (QSPIs)


Similar Part No. - MC56F8027

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8023 FREESCALE-MC56F8023 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
MC56F8023 NXP-MC56F8023 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
logo
Freescale Semiconductor...
MC56F8023VLC FREESCALE-MC56F8023VLC Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
MC56F8023VLC FREESCALE-MC56F8023VLC Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
MC56F8023VLC NXP-MC56F8023VLC Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
More results

Similar Description - MC56F8027

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com