Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY85V-10PU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY85V-10PU
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY85V-10PU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY85V-10PU Datasheet HTML 7Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 8Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 9Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 10Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 11Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 12Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 13Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 14Page - ATMEL Corporation ATTINY85V-10PU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
2586L–AVR–06/10
ATtiny25/45/85
6. Ordering Information
Notes: 1. Code indicators:
– H: NiPdAu lead finish
– U or N: matte tin
– R: tape & reel
2. All packages are Pb-free, halide-free and fully green and they comply with the European directive for Restriction of Hazard-
ous Substances (RoHS).
3. For Speed vs. VCC, see 21.3 “Speed” on page 168.
4. These devices can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering informa-
tion and minimum quantities.
5. For Typical and Electrical characteristics for this device please consult Appendix A, ATtiny25/V Specification at 105
°C.
6.1
ATtiny25
Speed (MHz) (3)
Power Supply
Ordering Code (1)
Package (2)
Operational Range
10
1.8 - 5.5V
ATtiny25V-10PU
ATtiny25V-10SU
ATtiny25V-10SH
ATtiny25V-10SSU
ATtiny25V-10SSH
ATtiny25V-10MU
8P3
8S2
8S2
S8S1
S8S1
20M1
Industrial
(-40
°C to +85°C) (4)
20
2.7 - 5.5V
ATtiny25-20PU
ATtiny25-20SU
ATtiny25-20SH
ATtiny25-20SSU
ATtiny25-20SSH
ATtiny25-20MU
8P3
8S2
8S2
S8S1
S8S1
20M1
Industrial
(-40
°C to +85°C) (4)
10
1.8 - 5.5V
ATtiny25V-10SSN
ATtiny25V-10SSNR
S8S1
S8S1
Industrial
(-40
°C to +105°C) (5)
20
2.7 - 5.5V
ATtiny25-20SSN
ATtiny25-20SSNR
S8S1
S8S1
Industrial
(-40
°C to +105°C) (5)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.200" Wide, Plastic Gull-Wing Small Outline (EIAJ SOIC)
S8S1
8-lead, 0.150" Wide, Plastic Gull-Wing Small Outline (JEDEC SOIC)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)


Similar Part No. - ATTINY85V-10PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY85V-10PU ATMEL-ATTINY85V-10PU Datasheet
146Kb / 16P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY85V-10PU ATMEL-ATTINY85V-10PU Datasheet
2Mb / 222P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY85V-10PU ATMEL-ATTINY85V-10PU Datasheet
662Kb / 29P
   Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY85V-10PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8AUR ATMEL-ATMEGA8L-8AUR Datasheet
6Mb / 331P
   8-bit Atmel with 8KBytes In-System PRogrammable Flash
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com