Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR-134-16-0000 Datasheet(PDF) 4 Page - CW Industries

Part # CWR-134-16-0000
Description  DIP Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

CWR-134-16-0000 Datasheet(HTML) 4 Page - CW Industries

  CWR-134-16-0000 Datasheet HTML 1Page - CW Industries CWR-134-16-0000 Datasheet HTML 2Page - CW Industries CWR-134-16-0000 Datasheet HTML 3Page - CW Industries CWR-134-16-0000 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
33
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
Final assembly length “L”
1=3”+1/8”
2=6”+1/8”
3=12”+1/4”
4=24”+1/4”
5=48”+1/4”
CA-XX-910X
Number of Conductors
(14, 16, 24 or 40)
CWN-SR-XX
EXAMPLE: Strain Relief
Strap part number for
24-pin DIP Connector
is CWN-SR-24
• Contacts: phosphor bronze standard.
• Contact Plating: 10µ in. gold over 50µ in. nickel, standard;
30µ in. gold over 50µ in. nickel, optional; 50µ in. gold over
50µ in. nickel, optional; 100µ in. tin-lead optional
• Insulator Material: UL 94V-0 flame - retardant glass filled
thermoplastic
• Strain Relief Strap Material: tin-plated steel
• Color: blue
• Operating temperature: -55ºC to +125ºC
• Current Rating: 1A (maximum) per contact
• Dielectric Withstand Voltage: Greater than 500 Vdc at
sea level
• Insulation Resistance: Greater than 5 x 109 ohms
• Mates with .050 in. centered round conductor flat cable
and standard DIP socket with .100 in. x .300 in. or .100 in.
x .600 in. contact spacing
• Cover pull off force, with strain relief 20 lb minimum (force
along contacts’ primary axes)
How to Or der DIP Connector s
Specifications and Or der ing Infor mation
Specifications
CWR-XXX-XX-XXXX
Type of Connector
Standard tail length .175” = 130
Optional tail length .130” = 134
Number of Contacts
(14, 16, 24 or 40)
Plating
0000=10µ in. gold over 50µ in.
nickel (standard)
0001=30µ in. gold over 50µ in.
nickel
0002=50µ in. gold over 50µ in.
nickel Mil-DTL-83503/6
approved. (CWR-130-14,
16, 24 only)
0003=100µ in. tin-lead
EXAMPLE: CWR-130-16-0002 is part number for a 16-pin DIP connector
with .175 in. tails and 50µ in. gold over 50µ in. nickel contacts
How to Or der DIP Cable Assemblies
Cable assemblies with two DIP connectors (CWR-130-XX-0000)
on a prescribed length of color-coded cable are available with
connectors oriented per drawing 31-1. (#1 contacts oriented to
brown conductor.)
For other lengths, orientations, numbers or combinations of
connectors, contact the factory or your local value-added distributor.
DRAWING 31-1
L
BROWN (No. 1 Cond.)
How to Or der Strain Relief Straps for DIP Connector s
Connector Size
(14, 16, 24 or 40)
(14 and 16)
(24 and 40)


Similar Part No. - CWR-134-16-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-140-10-0000 CWIND-CWR-140-10-0000 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0001 CWIND-CWR-140-10-0001 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0003 CWIND-CWR-140-10-0003 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0042 CWIND-CWR-140-10-0042 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0047 CWIND-CWR-140-10-0047 Datasheet
132Kb / 4P
   PCB Connectors
More results

Similar Description - CWR-134-16-0000

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57GE DDK-57GE Datasheet
239Kb / 5P
   Straight Solder DIP Termination Connectors
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
17DE-23090-C DDK-17DE-23090-C Datasheet
572Kb / 4P
   D-Sub Connectors Straight DIP Type
logo
EXCEL CELL ELECTRONIC C...
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
   2.0mm Contact Spacing, Board to Wire Dip Connectors
logo
DDK Ltd.
57LE DDK-57LE Datasheet
1Mb / 8P
   Right Angle Solder Dip Connectors EMI/RFI Shielding Version
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
Mitsubishi Electric Sem...
PS21065 MITSUBISHI-PS21065 Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
PS21244-EP MITSUBISHI-PS21244-EP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Analog Technologies, In...
ATDSC2MM6P ANALOGTECHNOLOGIES-ATDSC2MM6P Datasheet
182Kb / 2P
   DIP Socket for DIP Laser Driver
1/5/2021
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
   DIP Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com