Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR-134-16-0000 Datasheet(PDF) 3 Page - CW Industries

Part # CWR-134-16-0000
Description  DIP Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

CWR-134-16-0000 Datasheet(HTML) 3 Page - CW Industries

  CWR-134-16-0000 Datasheet HTML 1Page - CW Industries CWR-134-16-0000 Datasheet HTML 2Page - CW Industries CWR-134-16-0000 Datasheet HTML 3Page - CW Industries CWR-134-16-0000 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
32
14/16 Pin DIP Connector
24 Pin DIP Connector
40 Pin DIP Connector
DIP Connectors
Dimensions
Engineer ing Dimensions
PAT. 3,993,393
17
13
15
14
16
19
18
21
20
23
22
24
12
10
11
8
9
3
6
7
4
5
1
2
CONTACT
TAIL LENGTH
(9.1)
(2.54)
STRAIN RELIEF
STRAP-OPTIONAL
.100
(33.5)
(27.94)
TYP.
.36
1.264
±.010
(32.1
±.25)
NOTCHED CORNER ORIENTS
No. 1 CONTACT LOCATION.
TYP.
CONNECTOR COVER SHOWN
CONNECTOR COVER SHOWN
IN OPEN POSITION.
IN CLOSED POSITION.
.248
(6.30)
(.30)
(15.24)
(8.8)
.012
.35
(18.3)
.021
(.54)
TYP.
(
±.25)
±.010
1.100
1.32
.600
.72
PAT. 3,993,393
17
21
23
22
19
20
18
38
27
25
24
26
29
28
30
34
31 32 33
36
35
37
10
16 15 14
12
13
11
9
7
8
5
6
3
4
39 40
1
2
.100
STRAP-OPTIONAL
(2.54)
STRAIN RELIEF
(9.1)
TYP.
(18.3)
CONNECTOR COVER SHOWN
IN OPEN POSITION.
(15.24)
IN CLOSED POSITION.
CONNECTOR COVER SHOWN
No. 1 CONTACT LOCATION.
NOTCHED CORNER ORIENTS
(52.50
±.25)
(48.26)
TYP.
(.54)
.021
(53.9)
TYP.
(.30)
CONTACT
TAIL LENGTH
(6.30)
.248
.012
.35
(8.8)
(
±.25)
±.010
2.067
±.010
.36
1.900
.600
2.12
.72
PAT. 3,993,393
7
6
5
4
3
2
1
8
9
10 11 12 13 14
AVAILABLE WITH 16 POSITIONS.)
(14 CONTACT POSITIONS SHOWN, ALSO
(8.1)
.32
STRAP-OPTIONAL
STRAIN RELIEF
(10.7)
IN CLOSED POSITION.
IN OPEN POSITION.
CONNECTOR COVER SHOWN
CONNECTOR COVER SHOWN
(
±.25)
±.010
(6.30)
.248
.34
(8.6)
.012
(7.62)
(.30)
TYP.
NOTCHED CORNER ORIENTS
No. 1 CONTACT LOCATION.
(
±.25)
.100
(2.54)
TYP.
±.010
(.54)
.021
TYP.
CONNECTOR DIMENSIONS
NO. OF
CONTACTS
A
BC
14
16
.60
(15.2) (19.2)
.754
(20.6)
.81
.854
(17.8)
.70
(21.7) (23.1)
.91
TAIL LENGTH
CONTACT
B
A
C
.300
.42


Similar Part No. - CWR-134-16-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-140-10-0000 CWIND-CWR-140-10-0000 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0001 CWIND-CWR-140-10-0001 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0003 CWIND-CWR-140-10-0003 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0042 CWIND-CWR-140-10-0042 Datasheet
132Kb / 4P
   PCB Connectors
CWR-140-10-0047 CWIND-CWR-140-10-0047 Datasheet
132Kb / 4P
   PCB Connectors
More results

Similar Description - CWR-134-16-0000

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57GE DDK-57GE Datasheet
239Kb / 5P
   Straight Solder DIP Termination Connectors
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
17DE-23090-C DDK-17DE-23090-C Datasheet
572Kb / 4P
   D-Sub Connectors Straight DIP Type
logo
EXCEL CELL ELECTRONIC C...
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
   2.0mm Contact Spacing, Board to Wire Dip Connectors
logo
DDK Ltd.
57LE DDK-57LE Datasheet
1Mb / 8P
   Right Angle Solder Dip Connectors EMI/RFI Shielding Version
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
Mitsubishi Electric Sem...
PS21065 MITSUBISHI-PS21065 Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
PS21244-EP MITSUBISHI-PS21244-EP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Analog Technologies, In...
ATDSC2MM6P ANALOGTECHNOLOGIES-ATDSC2MM6P Datasheet
182Kb / 2P
   DIP Socket for DIP Laser Driver
1/5/2021
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
   DIP Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com