Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1636-06DE Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM1636-06DE
Description  4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1636-06DE Datasheet(HTML) 5 Page - ON Semiconductor

  CM1636-06DE Datasheet HTML 1Page - ON Semiconductor CM1636-06DE Datasheet HTML 2Page - ON Semiconductor CM1636-06DE Datasheet HTML 3Page - ON Semiconductor CM1636-06DE Datasheet HTML 4Page - ON Semiconductor CM1636-06DE Datasheet HTML 5Page - ON Semiconductor CM1636-06DE Datasheet HTML 6Page - ON Semiconductor CM1636-06DE Datasheet HTML 7Page - ON Semiconductor CM1636-06DE Datasheet HTML 8Page - ON Semiconductor CM1636-06DE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CM1636
Rev. 2 | Page 5 of 22 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
160
200
240
Ω
C
TOTAL
Total Channel Capacitance
At 2.5VDC Reverse Bias, 1MHz,
30mVAC
24
30
36
pF
C
Capacitance
At 2.5V DC, 1MHz, 30mV AC
15
pF
V
DIODE
Diode Standoff Voltage
I
DIODE = 10μA
6.0
V
I
LEAK
Diode Leakage Current (reverse
bias)
V
DIODE = 3.3V
0.1
1
μA
V
SIG
Signal Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = -10mA
5.6
-0.4
6.8
-0.8
V
V
V
ESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-
883, Method 3015
b) Contact Discharge per IEC
61000-4-2 Level 4
Notes 2
±30
±15
kV
kV
f
C
Cut-off Frequency
Z
SOURCE=50Ω, ZLOAD=50Ω
R = 200
Ω, C = 15pF;
Note 3
100
MHz
A
1GHz
Absolute Attenuation @ 1GHz from
0dB Level
Z
SOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; Notes 1 and 3
35
dB
A
800MHz - 6GHz
Absolute Attenuation @ 800MHz to
6GHz from 0dB Level
Z
SOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; Notes 1 and 35
30
dB
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Attenuation / RF curves characterized by a network analyzer using microprobes.


Similar Part No. - CM1636-06DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM163 CML-CM163 Datasheet
222Kb / 1P
   B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM163 VCC-CM163 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-04DE ONSEMI-CM1630-04DE Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-06DE ONSEMI-CM1630-06DE Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results

Similar Description - CM1636-06DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1436 CALMIRCO-CM1436 Datasheet
1Mb / 13P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1406 ONSEMI-CM1406 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436 ONSEMI-CM1436 Datasheet
768Kb / 16P
   4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1692-04DE ONSEMI-CM1692-04DE Datasheet
14Kb / 1P
   Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
244Kb / 10P
   4-Channel EMI Filter Arrays with ESD Protection
June 2010 Rev. 2
CM1692-08DE ONSEMI-CM1692-08DE Datasheet
14Kb / 1P
   CM1692: Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
logo
Vishay Siliconix
VEMI65AA-HCI VISHAY-VEMI65AA-HCI Datasheet
102Kb / 6P
   6-Channel EMI-Filter with ESD-Protection
Rev. 1.8, 18-May-10
VEMI65AB-HCI VISHAY-VEMI65AB-HCI Datasheet
115Kb / 6P
   6-Channel EMI-Filter with ESD-Protection
Rev. 1.6, 18-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com