Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44CC375AV Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC44CC375AV
Description  PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC375AV Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC44CC375AV Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44CC375AV Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Digital Home
Freescale Semiconductor
3
MC44CC375AV
FUNCTIONAL OVERVIEW
Figure 2 shows a simplified block diagram of the
MC44CC375AV device.
There are two main sections:
1.
A PLL section to synthesize the VHF output channel
frequency for channel 3 or channel 4.
2.
A modulator section which accepts audio and video
inputs and modulates the VHF carrier.
The high frequency CMOS technology allows integration
of the UHF tank circuit and certain filtering functions eliminat-
ing the need for a number of external components.
Figure 2. MC44CC375AV Simplified Block Diagram
POWER SUPPLY
Do NOT bias any other pin before VCC is applied to the de-
vice.
STANDBY MODES
During standby mode, the modulator is switched to low
power consumption. The sound oscillator, UHF oscillator and
VHF dividers, video and sound modulator sections bias are
internally turned OFF.
The modulator is programmed in standby mode when
pin 16, PSAVE, is set to a “LO” level
TRANSIENT OUTPUT INHIBIT
To minimize the risk of interference to other channels while
the UHF PLL is acquiring a lock on the desired frequency, the
Sound and Video modulators are turned OFF at power-ON
(i.e., VCC is switched from 0 V to 3.3 V).
There is a time-out of 263 ms until the output is enabled.
This allows the UHF PLL to settle to its programmed frequen-
cy. During the 263 ms time-out, the sound PLL current source
is set to 10
µA typical to speed up the locking time. After the
263 ms time-out, the current source is switched to 1.0
µA.
Use care when selecting loop filter components to ensure the
loop transient does not exceed this delay.
3
12
11
8
7
5
6
9
14
16
1
2
4
10
13
15
Clamp
Sound
PFD
Program
Divider
Audio
Amplifier
LPF
ALC
Peak
White
FM
31.25 kHz
31.25 kHz
UHF OSC
(2 x Fo)
Prescaler
÷8
Ref Divider
÷
128
VHF Dividers
Program
Divider
÷N11:N0
Phase
Comp.
XCO
Sound
Oscillator
and FM
Modulator
GND
MODULATOR
SECTION
VCO and PLL SECTION
AUX
VCC
AUDIO
PREEM
VIDEO
SPLFLT
VCC
RFOUT
SOC
PSAVE
CHS
GND
PLLFLT
XTAL
(4 MHz)
NO
CONNECT
XO Prescaler
÷2
Control
Section
Video
Modulator
RF Sound
Modulator


Similar Part No. - MC44CC375AV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44CC373CA FREESCALE-MC44CC373CA Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
MC44CC373CAS FREESCALE-MC44CC373CAS Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
MC44CC374CA FREESCALE-MC44CC374CA Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
MC44CC374T1A FREESCALE-MC44CC374T1A Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
More results

Similar Description - MC44CC375AV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com