Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1631-04DE Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1631-04DE
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1631-04DE Datasheet(HTML) 3 Page - ON Semiconductor

  CM1631-04DE Datasheet HTML 1Page - ON Semiconductor CM1631-04DE Datasheet HTML 2Page - ON Semiconductor CM1631-04DE Datasheet HTML 3Page - ON Semiconductor CM1631-04DE Datasheet HTML 4Page - ON Semiconductor CM1631-04DE Datasheet HTML 5Page - ON Semiconductor CM1631-04DE Datasheet HTML 6Page - ON Semiconductor CM1631-04DE Datasheet HTML 7Page - ON Semiconductor CM1631-04DE Datasheet HTML 8Page - ON Semiconductor CM1631-04DE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CM1631
Rev. 0 | Page 3 of 22 | www.onsemi.com
PIN DESCRIPTIONS
DEVICE PIN(s)
DEVICE PIN(s)
-04
-06
-08
NAME
DESCRIPTION
-04
-06
-08
NAME
DESCRIPTION
1
1
1
FILTER1
Filter + ESD Channel 1
8
12
16
FILTER1
Filter + ESD Channel 1
2
2
2
FILTER2
Filter + ESD Channel 2
7
11
15
FILTER2
Filter + ESD Channel 2
3
3
3
FILTER3
Filter + ESD Channel 3
6
10
14
FILTER3
Filter + ESD Channel 3
4
4
4
FILTER4
Filter + ESD Channel 4
5
9
13
FILTER4
Filter + ESD Channel 4
5
5
FILTER5
Filter + ESD Channel 5
8
12
FILTER5
Filter + ESD Channel 5
6
6
FILTER6
Filter + ESD Channel 6
7
11
FILTER6
Filter + ESD Channel 6
7
FILTER7
Filter + ESD Channel 7
10
FILTER7
Filter + ESD Channel 7
8
FILTER8
Filter + ESD Channel 8
9
FILTER8
Filter + ESD Channel 8
GND PAD
GND
Device Ground
Ordering Information
PART NUMBERING INFORMATION
Lead-free Finish
Pins
Package
Ordering Part Number
1
Part Marking
8
uDFN-8
CM1631-04DE
UE
12
uDFN-12
CM1631-06DE
P31E
16
uDFN-16
CM1631-08DE
P318E
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.


Similar Part No. - CM1631-04DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM163 CML-CM163 Datasheet
222Kb / 1P
   B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM163 VCC-CM163 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-04DE ONSEMI-CM1630-04DE Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-06DE ONSEMI-CM1630-06DE Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results

Similar Description - CM1631-04DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com