Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM9XE512-CU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM9XE512-CU
Description  AT91 ARM Thumb Microcontrollers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9XE512-CU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM9XE512-CU Datasheet HTML 1Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 2Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 3Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 4Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 5Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 6Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 7Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 8Page - ATMEL Corporation AT91SAM9XE512-CU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
6254CS–ATARM–08-Jan-10
AT91SAM9XE128/256/512 Preliminary
Reset Controller (RSTC)
– Based on a Power-on Reset Cell, Reset Source Identification and Reset Output Control
Clock Generator (CKGR)
– Selectable 32,768 Hz Low-power Oscillator or Internal Low Power RC Oscillator on Battery Backup Power Supply,
Providing a Permanent Slow Clock
– 3 to 20 MHz On-chip Oscillator, One Up to 240 MHz PLL and One Up to 100 MHz PLL
Power Management Controller (PMC)
– Very Slow Clock Operating Mode, Software Programmable Power Optimization Capabilities
– Two Programmable External Clock Signals
Advanced Interrupt Controller (AIC)
– Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
– Three External Interrupt Sources and One Fast Interrupt Source, Spurious Interrupt Protected
Debug Unit (DBGU)
– 2-wire UART and support for Debug Communication Channel, Programmable ICE Access Prevention
– Mode for General Purpose Two-wire UART Serial Communication
Periodic Interval Timer (PIT)
– 20-bit Interval Timer Plus 12-bit Interval Counter
Watchdog Timer (WDT)
– Key-protected, Programmable Only Once, Windowed 16-bit Counter Running at Slow Clock
Real-Time Timer (RTT)
– 32-bit Free-running Backup Counter Running at Slow Clock with 16-bit Prescaler
One 4-channel 10-bit Analog to Digital Converter
Three 32-bit Parallel Input/Output Controllers (PIOA, PIOB, PIOC,)
– 96 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os
– Input Change Interrupt Capability on Each I/O Line
– Individually Programmable Open-drain, Pull-up Resistor and Synchronous Output
Peripheral DMA Controller Channels (PDC)
Two-slot Multimedia Card Interface (MCI)
– SDCard/SDIO and MultiMediaCardCompliant
– Automatic Protocol Control and Fast Automatic Data Transfers with PDC
One Synchronous Serial Controllers (SSC)
– Independent Clock and Frame Sync Signals for Each Receiver and Transmitter
– I²S Analog Interface Support, Time Division Multiplex Support
– High-speed Continuous Data Stream Capabilities with 32-bit Data Transfer
Four Universal Synchronous/Asynchronous Receiver Transmitters (USART)
– Individual Baud Rate Generator, IrDA® Infrared Modulation/Demodulation, Manchester Encoding/Decoding
– Support for ISO7816 T0/T1 Smart Card, Hardware Handshaking, RS485 Support
– Full Modem Signal Control on USART0
One 2-wire UART
Two Master/Slave Serial Peripheral Interface (SPI)
– 8- to 16-bit Programmable Data Length, Four External Peripheral Chip Selects
– Synchronous Communications
Two Three-channel 16-bit Timer/Counters (TC)
– Three External Clock Inputs, Two Multi-purpose I/O Pins per Channel
– Double PWM Generation, Capture/Waveform Mode, Up/Down Capability
– High-Drive Capability on Outputs TIOA0, TIOA1, TIOA2
Two Two-wire Interfaces (TWI)
– Master, Multi-master and Slave Mode Operation
– General Call Supported in Slave Mode
– Connection to PDC Channel to Optimize Data Transfers in Master Mode Only


Similar Part No. - AT91SAM9XE512-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9XE512-CU ATMEL-AT91SAM9XE512-CU Datasheet
1Mb / 50P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE512-CU ATMEL-AT91SAM9XE512-CU Datasheet
954Kb / 48P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE512-CU ATMEL-AT91SAM9XE512-CU Datasheet
13Mb / 866P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9XE512-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com