Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1623-04DE Datasheet(PDF) 7 Page - ON Semiconductor

Part # CM1623-04DE
Description  EMI Filter with ESD Protection for SIM Card Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1623-04DE Datasheet(HTML) 7 Page - ON Semiconductor

  CM1623-04DE Datasheet HTML 1Page - ON Semiconductor CM1623-04DE Datasheet HTML 2Page - ON Semiconductor CM1623-04DE Datasheet HTML 3Page - ON Semiconductor CM1623-04DE Datasheet HTML 4Page - ON Semiconductor CM1623-04DE Datasheet HTML 5Page - ON Semiconductor CM1623-04DE Datasheet HTML 6Page - ON Semiconductor CM1623-04DE Datasheet HTML 7Page - ON Semiconductor CM1623-04DE Datasheet HTML 8Page - ON Semiconductor CM1623-04DE Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CM1623
Rev. 2 | Page 7 of 9 | www.onsemi.com
Mechanical Details
UDFN-08 Mechanical Specifications
Dimensions for the CM1623 supplied in a 8-lead, 0.4mm pitch UDFN package are presented below.
PACKAGE DIMENSIONS
Package
UDFN
JEDEC
No.
MO-229C
Leads
8
Millimeters
Inches
Dim.
Min
Nom
Max
Min
Nom
Max
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.127 REF
0.005 REF
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.60
1.70
1.80
0.063
0.067
0.071
D2
1.10
1.20
1.30
0.043
0.047
0.051
E
1.25
1.35
1.45
0.049
0.053
0.057
E2
0.30
0.40
0.50
0.012
0.016
0.020
e
0.40 BSC
0.016 BSC
K
0.22
0.009
L
0.15
0.25
0.35
0.006
0.010
0.014
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
This package is compliant with JEDEC standard MO-229C with
the exception of the "D", "D2", "E", "E2", "K" and "L" dimensions
as called out in the table above.
Dimensions for 8-Lead, 0.4mm pitch
UDFN Package


Similar Part No. - CM1623-04DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM162 CML-CM162 Datasheet
222Kb / 1P
   B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM162 VCC-CM162 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
logo
ON Semiconductor
CM1620 ONSEMI-CM1620 Datasheet
847Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1620-06DE ONSEMI-CM1620-06DE Datasheet
847Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1620-08DE ONSEMI-CM1620-08DE Datasheet
847Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results

Similar Description - CM1623-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
CM6304 ONSEMI-CM6304 Datasheet
193Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 6
CM6300 ONSEMI-CM6300 Datasheet
113Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 7
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
logo
Semtech Corporation
ECLAMP2455K SEMTECH-ECLAMP2455K Datasheet
166Kb / 8P
   ESD/EMI Protection for SIM Card
ECLAMP2485T SEMTECH-ECLAMP2485T Datasheet
278Kb / 10P
   ESD/EMI Protection for SIM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com