Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7SE512 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM7SE512
Description  Product Description
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7SE512 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM7SE512_09 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7SE512_09 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
6222ES–ATARM–15-Dec-09
AT91SAM7SE512/256/32 Preliminary Summary
4.
Package
The AT91SAM7SE512/256/32 is available in:
• 20 x 14 mm 128-lead LQFP package with a 0.5 mm lead pitch.
• 10x 10 x 1.4 mm 144-ball LFBGA package with a 0.8 mm lead pitch
4.1
128-lead LQFP Package Outline
Figure 4-1 shows the orientation of the 128-lead LQFP package and a detailed mechanical
description is given in the Mechanical Characteristics section of the full datasheet.
Figure 4-1.
128-lead LQFP Package Outline (Top View)
65
103
102
64
39
38
1
128


Similar Part No. - AT91SAM7SE512_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7SE512 ATMEL-AT91SAM7SE512_08 Datasheet
1Mb / 47P
   Incorporates the ARM7TDMI ARM Thumb Processor
More results

Similar Description - AT91SAM7SE512_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA-6033 ETC-STA-6033 Datasheet
264Kb / 8P
   Product Description
ANTDB1HDPXXX ETC2-ANTDB1HDPXXX Datasheet
397Kb / 2P
   Product Description
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089_1 Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
ISOCOM COMPONENTS
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
   DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
   DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
   DESCRIPTION
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
   Description
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
   DESCRIPTION
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
   Marking Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com