Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44BC375J Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC44BC375J
Description  PLL Tuned VHF Audio/Video High Integration Modulator ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC375J Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC44BC375J Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BC375J Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC44BC375/U/J/T Technical Data
Characterization Measurement Conditions
Video: 5 step Grey Scale- 1Vpk-pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with
sound trap, and envelope detection, and
a Rohde & Schwarz UAF Video
Analyzer.
On line CCIR 330, the video analyzer DP measure consists of calculating
the difference of the Chroma phase at the black level and the different
chroma subcarrier phase angles at each step of the greyscale. The
largest positive or negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Video Differential Gain
Video: 5 step Grey Scale- 1Vpk-pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with
sound trap and envelope detection, and
a Rohde & Schwarz UAF Video
Analyzer.
On line CCIR 330 shown below, the video analyzer DG measure consists
of calculating the difference of the Chroma amplitude at the black level
and the different amplitudes at each step of the greyscale. The largest
positive or negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
CCIR line330 corresponds to FCC line17inNTSC/Mstandard
Video Modulation Depth
No Audio signal
Video: 10stepgreyscale
This is measured using a HP8596E Spectrum Analyzer with a TV Trigger
option, allowing demodulation and triggering on any specified TV Line.
The analyzer is centred on the maximum peak of the Video signal and
reduced to zero Hertz span in Linear mode to demodulate the Video
carrier.
The Modulation Depth is calculated as (A-B)/A x 100 in%
Picture to Sound ratio
No Video signal
No Audio Signal
“PS” bit set to 0 and 1
Measure in dBc sound carrier in reference to picture carrier (TVout_Ref)
for “PS” bit=0 (PS=12dB typical) and for “PS” bit=1 (PS=16dB),
Audio Modulation Depth - FM Modulation
Device and Signals Set-up
Measurement Set-up
DIFF PHASE =
* 100%
the phase at position 0
the largest positive or negative difference
0
1
2
3
4
5
5-step Greyscale with Chroma subcarrier superimposed
(not to scale), line CCIR 330.
DIFF GAIN
=* 100%
the amplitude at position 0
the largest positive or negative difference
A ( 6-10mV)
B (0.6 - 3mV)
TV Line Demodulated by Spectrum Analyzer-BG standard
A(mV)
B(mV)
Picture carrier
Sound carrier
+5.5Mhz
Fo
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC375J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375J MOTOROLA-MC44BC375J Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375J NXP-MC44BC375J Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Motorola, Inc
MC44BC375JD MOTOROLA-MC44BC375JD Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375JD NXP-MC44BC375JD Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results

Similar Description - MC44BC375J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com