Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44BC375UA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC44BC375UA
Description  PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC375UA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC44BC375UA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Specific Products
Freescale Semiconductor
11
MC44BC375U
Video Modulation Depth
No audio signal
Video: 10 step grey scale
This is measured using a HP8596E Spectrum Analyzer with a TV Trigger option,
allowing demodulation and triggering on any specified TV Line. The analyzer is
centered on the maximum peak of the Video signal and reduced to zero Hertz
span in Linear mode to demodulate the Video carrier.
The Modulation Depth is calculated as (A-B)/A x 100 in%.
Picture to Sound Ratio
No video signal
No audio Signal
“PSS” pin set Low and High
Measure in dBc sound carrier in reference to picture carrier (RFout_Ref) for
“PSS” = Low (PS = 14 dB typical) and for “PSS” = High (PS = 16 dB),
Audio Modulation Depth — FM Modulation
Video Black Level
Audio signal: 1.0 KHz, 205 mVrms.
This is measured using a Demodulator in B/G
and an Audio Analyzer at 1.0 KHz.
The audio signal 205 mV at 1.0 KHz is supplied by the Audio Analyzer, and the
FM demodulated signal deviation is indicated on the Demodulator in KHz peak.
This value is then converted in% of FM deviation, based on specified standards.
Audio Frequency Response
Video Black Level
Audio signal: 50 Hz to 15 KHz, 100 mVrms
This is measured using a Demodulator in B/G
and an Audio Analyzer.
The audio signal 1.0 KHz 100 mVrms is supplied by the Audio Analyzer,
demodulated by the Demodulator and the audio analyzer measures the AC
amplitude of this demodulated audio signal: this value is taken as a reference
(0 dB).
The audio signal is then swept from 50 Hz to 15 KHz, and demodulated AC
amplitude is measured in dB relative to the 1.0 KHz reference.
Audio pre-emphasis and de-emphasis circuits are engaged, all audio analyzer
filters are switched OFF.
Audio Distortion FM
Audio: 1.0 KHz, adjustable level
Video Black Level
This is measured using a Demodulator in B/G
and an Audio Analyzer at 1.0 KHz. The output
level of the Audio analyzer is varied to obtain
a deviation of 50 KHz indicated on the
Demodulator.
The input rms detector of the Audio Analyzer converts the ac level of the
combined signal + noise + distortion to dc. It then removes the fundamental
signal (1.0 KHz) after having measured the frequency. The output rms detector
converts the residual noise + distortion to dc. The dc voltmeter measures both
dc signals and calculates the ratio in% of the two signals.
Table 9. Performance Measurement Test Set-Ups (continued)
Device and Signals Set-Up
Measurement Set-Up
A ( 6-10mV)
B (0.6 - 3mV)
TV Line Demodulated by Spectrum Analyzer-BG standard
A(mV)
B(mV)
Picture carrier
Sound carrier
+5.5 MHz
Fo
ADist
Distorsion
Noise
+
() Distorsion Noise Signal
++
()
=


Similar Part No. - MC44BC375UA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC375UAD FREESCALE-MC44BC375UAD Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC375UAFC FREESCALE-MC44BC375UAFC Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
More results

Similar Description - MC44BC375UA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com