Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91M42800A-33AU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91M42800A-33AU
Description  AT91 ARM Thumb Microcontrollers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M42800A-33AU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91M42800A-33AU Datasheet HTML 3Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 4Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 5Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 6Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 7Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 8Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 9Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 10Page - ATMEL Corporation AT91M42800A-33AU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
1779ES–ATARM–14-Apr-06
AT91M42800A
CLOCK
XIN
Oscillator Input or External Clock
Input
XOUT
Oscillator Output
Output
PLLRCA
RC Filter for PLL A
Input
PLLRCB
RC Filter for PLL B
Input
MCKO
Clock Output
Output
Test and
Reset
NRST
Hardware Reset Input
Input
Low
Schmitt trigger
MODE0 - MODE1
Mode Selection
Input
JTAG/ICE
TMS
Test Mode Select
Input
Schmitt trigger, internal pull-up
TDI
Test Data In
Input
Schmitt trigger, internal pull-up
TDO
Test Data Out
Output
TCK
Test Clock
Input
Schmitt trigger, internal pull-up
NTRST
Test Reset Input
Input
Low
Schmitt trigger, internal pull-up
Emulation
NTRI
Tri-state Mode Enable
Input
Low
Sampled during reset
Power
VDDIO
I/O Power
Power
3V or 5V nominal supply
VDDCORE
Core Power
Power
3V nominal supply
VDDPLL
PLL Power
Power
3V nominal supply
GND
Ground
Ground
Table 3-1.
AT91M42800A Pin Description (Continued)
Module
Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91M42800A-33AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800A-33AU ATMEL-AT91M42800A-33AU Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91M42800A-33AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com