Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91R40008 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91R40008
Description  AT91 ARM Thumb-based Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91R40008 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91R40008_06 Datasheet HTML 1Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 2Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 3Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 4Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 5Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 6Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 7Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 8Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
1732FS–ATARM–12-Apr-06
AT91R40008
5.
Architectural Overview
The AT91R40008 microcontroller integrates an ARM7TDMI with EmbeddedICE interface,
memories and peripherals. The architecture consists of two main buses: the Advanced Sys-
tem Bus (ASB) and the Advanced Peripheral Bus (APB). Designed for maximum performance
and controlled by the memory controller, the ASB interfaces the ARM7TDMI processor with
the on-chip 32-bit memories, the External Bus Interface (EBI) and the AMBABridge. The
AMBA Bridge drives the APB, which is designed for accesses to on-chip peripherals and opti-
mized for low power consumption.
The AT91R40008 microcontroller implements the ICE port of the ARM7TDMI processor on
dedicated pins, offering a complete, low-cost and easy-to-use debug solution for target
debugging.
5.1
Memories
The AT91R40008 microcontroller embeds 256K bytes of internal SRAM. The internal memory
is directly connected to the 32-bit data bus and is single-cycle accessible.
The AT91R40008 microcontroller features an External Bus Interface (EBI), which enables
connection of external memories and application-specific peripherals. The EBI supports 8- or
16-bit devices and can use two 8-bit devices to emulate a single 16-bit device. The EBI imple-
ments the early read protocol, enabling faster memory accesses than standard memory
interfaces.
5.2
Peripherals
The AT91R40008 microcontrollers integrate several peripherals, that are classified as system
or user peripherals. All on-chip peripherals are 32-bit accessible by the AMBA Bridge, and can
be programmed with a minimum number of instructions. The peripheral register set consists of
control, mode, data, status and enable/disable/status registers.
An on-chip Peripheral Data Controller (PDC) transfers data between the on-chip USARTs and
on- and off-chip memories address space without processor intervention. Most importantly,
the PDC removes the processor interrupt handling overhead, making it possible to transfer up
to 64K contiguous bytes without reprogramming the start address, thus increasing the perfor-
mance of the microcontroller and reducing the power consumption.
5.2.1
System Peripherals
The External Bus Interface (EBI) controls the external memory or peripheral devices via an 8-
or 16-bit data bus and is programmed through the Advanced Peripheral Bus (APB). Each chip
select line has its own programming register.
The Power-saving (PS) module implements the Idle mode (ARM7TDMI core clock stopped
until the next interrupt) and enables the user to adapt the power consumption of the microcon-
troller to application requirements (independent peripheral clock control).
The Advanced Interrupt Controller (AIC) controls the internal interrupt sources from the inter-
nal peripherals and the four external interrupt lines (including the FIQ) to provide an interrupt
and/or fast interrupt request to the ARM7TDMI. It integrates an 8-level priority controller and,
using the Auto-vectoring feature, reduces the interrupt latency time.
The Parallel Input/Output Controller (PIO) controls up to 32 I/O lines. It enables the user to
select specific pins for on-chip peripheral input/output functions and general-purpose


Similar Part No. - AT91R40008_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40008 ATMEL-AT91R40008_02 Datasheet
160Kb / 19P
   ARM짰 Thumb짰 Microcontrollers
AT91R40008 ATMEL-AT91R40008_05 Datasheet
338Kb / 20P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91R40008_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7L128 ATMEL-AT91SAM7L128 Datasheet
1Mb / 48P
   AT91 ARM Thumb-based Microcontroller
AT91R40008 ATMEL-AT91R40008 Datasheet
209Kb / 18P
   AT91 ARM Thumb Microcontroller
AT91M55800A ATMEL-AT91M55800A_04 Datasheet
318Kb / 29P
   AT91 ARM Thumb Microcontroller
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com