Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91R40008 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91R40008
Description  AT91 ARM Thumb-based Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91R40008 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91R40008_06 Datasheet HTML 7Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 8Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 9Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 10Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 11Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 12Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 13Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 14Page - ATMEL Corporation AT91R40008_06 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
1732FS–ATARM–12-Apr-06
AT91R40008
8.
Peripherals
The AT91R40008 microcontroller peripherals are connected to the 32-bit wide Advanced
Peripheral Bus. Peripheral registers are only word accessible – byte and half-word accesses
are not supported. If a byte or a half-word access is attempted, the memory controller auto-
matically masks the lowest address bits and generates a word access.
Each peripheral has a 16-Kbyte address space allocated (the AIC only has a 4-Kbyte address
space).
8.0.1
Peripheral Registers
The following registers are common to all peripherals:
• Control Register – write-only register that triggers a command when a one is written to the
corresponding position at the appropriate address. Writing a zero has no effect.
• Mode Register – read/write register that defines the configuration of the peripheral. Usually
has a value of 0x0 after a reset.
• Data Registers – read and/or write registers that enable the exchange of data between the
processor and the peripheral.
• Status Register – read-only register that returns the status of the peripheral.
• Enable/Disable/Status Registers are shadow command registers. Writing a one in the
Enable Register sets the corresponding bit in the Status Register. Writing a one in the
Disable Register resets the corresponding bit and the result can be read in the Status
Register. Writing a bit to zero has no effect. This register access method maximizes the
efficiency of bit manipulation and enables modification of a register with a single non-
interruptible instruction, replacing the costly read-modify-write operation.
Unused bits in the peripheral registers are shown as “–” and must be written at 0 for upward
compatibility. These bits read 0.
8.0.2
Peripheral Interrupt Control
The Interrupt Control of each peripheral is controlled from the Status Register using the inter-
rupt mask. The Status Register bits are ANDed to their corresponding interrupt mask bits and
the result is then ORed to generate the Interrupt Source signal to the Advanced Interrupt
Controller.
The interrupt mask is read in the Interrupt Mask Register and is modified with the Interrupt
Enable Register and the Interrupt Disable Register. The enable/disable/status (or mask)
makes it possible to enable or disable peripheral interrupt sources with a non-interruptible sin-
gle instruction. This eliminates the need for interrupt masking at the AIC or Core level in real-
time and multi-tasking systems.
8.0.3
Peripheral Data Controller
The AT91R40008 microcontroller has a 4-channel PDC dedicated to the two on-chip USARTs.
One PDC channel is dedicated to the receiver and one to the transmitter of each USART.
The user interface of a PDC channel is integrated in the memory space of each USART. It
contains a 32-bit Address Pointer Register (RPR or TPR) in addition to a 16-bit Transfer
Counter Register (RCR or TCR). When the programmed number of transfers are performed, a
status bit indicating the end of transfer is set in the USART Status Register and an interrupt
can be generated.


Similar Part No. - AT91R40008_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40008 ATMEL-AT91R40008_02 Datasheet
160Kb / 19P
   ARM짰 Thumb짰 Microcontrollers
AT91R40008 ATMEL-AT91R40008_05 Datasheet
338Kb / 20P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91R40008_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7L128 ATMEL-AT91SAM7L128 Datasheet
1Mb / 48P
   AT91 ARM Thumb-based Microcontroller
AT91R40008 ATMEL-AT91R40008 Datasheet
209Kb / 18P
   AT91 ARM Thumb Microcontroller
AT91M55800A ATMEL-AT91M55800A_04 Datasheet
318Kb / 29P
   AT91 ARM Thumb Microcontroller
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com