Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1431-06DE Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1431-06DE
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1431-06DE Datasheet(HTML) 1 Page - ON Semiconductor

  CM1431-06DE Datasheet HTML 1Page - ON Semiconductor CM1431-06DE Datasheet HTML 2Page - ON Semiconductor CM1431-06DE Datasheet HTML 3Page - ON Semiconductor CM1431-06DE Datasheet HTML 4Page - ON Semiconductor CM1431-06DE Datasheet HTML 5Page - ON Semiconductor CM1431-06DE Datasheet HTML 6Page - ON Semiconductor CM1431-06DE Datasheet HTML 7Page - ON Semiconductor CM1431-06DE Datasheet HTML 8Page - ON Semiconductor CM1431-06DE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LCD and Camera EMI Filter
Array with ESD Protection
CM1431
©2010 SCILLC. All rights reserved.
Publication Order Number:
April 2010 Rev. 2
CM1431/D
Features
Four, six and eight channels of EMI filtering with
integrated ESD protection
Pi-style EMI filters in a capacitor-resistor-
capacitor (C-R-C) network
±
15kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
±
30kV ESD protection on each channel (HBM)
Greater than 35dB attenuation (typical) at 1 GHz
TDFN package with 0.40mm lead pitch:
• 4-ch. = 8-lead TDFN
• 6-ch. = 12-lead TDFN
• 8-ch. = 16-lead TDFN
Tiny TDFN package size:
• 8-lead: 1.7mm x 1.35mm
• 12-lead: 2.5mm x 1.35mm
• 16-lead: 3.3mm x 1.35mm
Increased robustness against vertical impacts
during manufacturing process
Lead-free finishing
Applications
LCD and Camera data lines in mobile handsets
I/O port protection for mobile handsets, notebook
computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs
or notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
Product Description
The CM1431 is a family of pi-style EMI filter arrays
with ESD protection, which integrates four, six and
eight filters (C-R-C) in small form factor TDFN
0.40mm
pitch
packages.
The
CM1431
has
component values of 15pF-100Ω-15pF per channel.
The CM1431 has a cut-off frequency of 120MHz and
can be used in applications with data rates up to
48Mbps. The parts include ESD diodes on every pin,
which provide a very high level of protection for
sensitive
electronic
components
that
may
be
subjected to electrostatic discharge (ESD). The ESD
protection diodes safely dissipate ESD strikes of
±
15kV, well beyond the maximum requirement of the
IEC61000-4-2 international standard. Using the MIL-
STD-883 (Method 3015) specification for Human
Body Model (HBM) ESD, the pins are protected for
contact discharges at greater than ±30kV.
These devices are particularly well-suited for portable
electronics (e.g. wireless handsets, PDAs, notebook
computers) because of their small package and easy-
to-use pin assignments. In particular, the CM1431 is
ideal for EMI filtering and protecting data and control
lines for the I/O data ports, LCD display and camera
interface in mobile handsets.
The CM1431 is housed in space-saving, low-profile
8-, 12- and 16-lead TDFN packages with a 0.40mm
pitch and is available with lead-free finishing. This
smaller size TDFN package provides up to 42%
board space saving vs. the 0.50mm pitch TDFN
packages.


Similar Part No. - CM1431-06DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1431-06DE CALMIRCO-CM1431-06DE Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results

Similar Description - CM1431-06DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com