Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSY5RU57E1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5RU57E1A
Description  5mm Flat Yellow LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5RU57E1A Datasheet(HTML) 1 Page - OptoSupply International

  OSY5RU57E1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5mm Flat Yellow LED
OSY5RU57E1A
Features
Outline Dimension
High Luminous LEDs
5mm Flat Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
1 2
5.0
2.54
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
78
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
90°
60°
0
0
90°
30°
60°
0.5
0.5
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
585
590
595
nm
Luminous Intensity*
Iv
IF=20mA
330
450
-
mcd
50% Power Angle
1/2
IF=20mA
-
140
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSY5RU57E1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5RU5111A OPTOSUPPLY-OSY5RU5111A Datasheet
105Kb / 1P
   5mm Round Yellow LED
OSY5RU5201A OPTOSUPPLY-OSY5RU5201A Datasheet
137Kb / 1P
   5mm Bullet Yellow LED
OSY5RU5471D OPTOSUPPLY-OSY5RU5471D Datasheet
103Kb / 1P
   5.0x4.1mm Oval Yellow LED
OSY5RU5471D OPTOSUPPLY-OSY5RU5471D Datasheet
107Kb / 1P
   5.0x4.1mm Oval Yellow LED
OSY5RU5471D OPTOSUPPLY-OSY5RU5471D_11 Datasheet
107Kb / 1P
   5.0x4.1mm Oval Yellow LED
More results

Similar Description - OSY5RU57E1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5SA57E1A OPTOSUPPLY-OSY5SA57E1A Datasheet
98Kb / 1P
   5mm Flat Yellow LED
OS5YPM57E1A OPTOSUPPLY-OS5YPM57E1A Datasheet
65Kb / 1P
   5mm Flat Yellow LED
OSY5PA57E1A OPTOSUPPLY-OSY5PA57E1A_09 Datasheet
157Kb / 1P
   5mm Flat Premium Yellow LED
OSY5MA57E1A OPTOSUPPLY-OSY5MA57E1A_09 Datasheet
140Kb / 1P
   5mm Flat Phoenix Yellow LED
OSY5MA57E1A OPTOSUPPLY-OSY5MA57E1A Datasheet
99Kb / 1P
   5mm Flat Phoenix Yellow LED
OSY5PA57E1A OPTOSUPPLY-OSY5PA57E1A Datasheet
100Kb / 1P
   5mm Flat Premium Yellow LED
logo
LUMEX INC.
SSL-LX50FT3SYC LUMEX-SSL-LX50FT3SYC Datasheet
51Kb / 1P
   T-5mm 590mm SUPER YELLOW FLAT TOP LED
logo
List of Unclassifed Man...
MCLF056YD ETC2-MCLF056YD Datasheet
497Kb / 3P
   LED Yellow, 5mm
logo
OptoSupply Internationa...
OSYGHC5B32A OPTOSUPPLY-OSYGHC5B32A Datasheet
101Kb / 1P
   5mm Round Yellow & Yellow Green LED
OS5YKA5C31A OPTOSUPPLY-OS5YKA5C31A Datasheet
139Kb / 1P
   5mm Round Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com