Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC912XDP512J1VFVR Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SC912XDP512J1VFVR
Description  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC912XDP512J1VFVR Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SC912XDP512J1VFVR Datasheet HTML 1Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 2Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 3Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 4Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 5Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 6Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 7Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 8Page - Freescale Semiconductor, Inc SC912XDP512J1VFVR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
5
Revision History
Date
Revision
Level
Description
April, 2005
02.07
New Book
May, 2005
02.08
Minor corrections
May, 2005
02.09
removed ESD Machine Model from electrical characteristics
added thermal characteristics
added more details to run current measurement configurations
VDDA supply voltage range 3.15V - 3.6V fot ATD Operating Characteristics
I/O Chararcteristics for alll pins except EXTAL, XTAL ....
corrected VREG electrical spec
IDD wait max 95mA
May 2005
02.10
Improvements to NVM reliabity spec, added part numbers
July 2005
02.11
Added ROM parts to App.
October 2005
02.12
Single Souce S12XD Fam. Document, New Memory Map Figures,
May 2006
2.13
SPI electricals updated
Voltage Regulator electricals updated
Added Partnumbers and 1L15Y maskset
Updated App. E 6SCI’s on 112 pin DT/P512 and 3 SPI’s on all D256 parts
June 2006
2.14
Data Sheet covers S12XD/B & A Family
Included differnt pull device specification for differnt masksets
July 2006
2.15
Minor Corrections and Improvments
June 2007
2.16
Added 2M42E and 1M84E masksets
July 2007
2.17
Modified Appendix
April 2008
2.18
Better explanation of ATD0/1 for S12XD-Family see page 1305
S12XB256 ATD specification changed see Appendix E.6
added M23S maskset
August 2008
2.19
Corrected XGRAMSIZE of S12XD256 on page 44
Corrected 17.4.2.4 XGATE Memory Map Scheme
Corrected 18.4.2.4 XGATE Memory Map Scheme
September
2009
2.20
Corrected Table E-6 , 30K flash memory available for XGATE on B256
October 2009
2.21
Corrected Footnote in Appendix E3 regarding Shared XGATE/CPU area


Similar Part No. - SC912XDP512J1VFVR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC912XDP512J1VFVR FREESCALE-SC912XDP512J1VFVR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512J1VFVR FREESCALE-SC912XDP512J1VFVR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
SC912XDP512J1VFVR FREESCALE-SC912XDP512J1VFVR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
SC912XDP512J1VFVR FREESCALE-SC912XDP512J1VFVR Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
SC912XDP512J1VFVR FREESCALE-SC912XDP512J1VFVR Datasheet
7Mb / 1348P
   MC9S12XDP512 DATA SHEET
More results

Similar Description - SC912XDP512J1VFVR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com