Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSY5LU5B64A-12V Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5LU5B64A-12V
Description  5mm Round Normal Bright Yellow Resistor LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5LU5B64A-12V Datasheet(HTML) 1 Page - OptoSupply International

  OSY5LU5B64A-12V Datasheet HTML 1Page - OptoSupply International OSY5LU5B64A-12V Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER A.0
5mm Round Normal Bright Yellow Resistor
LED
OSY5LU5B64A-12V
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Integral Current Limiting Resistor
TTL Compatible (Requires No External Current Limiter With
12 Volt Supply)
Cost Effective (Saves Space and Resistor Cost)
Color Diffused Type
Applications
Status Indicators
Other Lighting
1
2
5.0
0.5+0.1
2.54
2:Cathode
1:Anode
Unit:mm
Tolerance:+0.3mm
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Voltage
VF
15
V
Reverse Voltage
VR
5
V
Power Dissipation
PD
225
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Current
IF
VF =12V
-
10
15
mA
DC Reverse Current
IR
VR=12V
-
-
10
µA
Domi. Wavelength*
λD
VF =12V
585
590
595
nm
Luminous Intensity*
Iv
VF =12V
100
130
-
mcd
50% Power Angle
1/2
VF =12V
-
60
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
30°
0.5
90°
60°
0
0
0.5
30°
60°
90°
11


Similar Part No. - OSY5LU5B64A-12V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5LU5B64A-5V OPTOSUPPLY-OSY5LU5B64A-5V Datasheet
123Kb / 2P
   5mm Round Normal Bright Yellow Resistor LED
More results

Similar Description - OSY5LU5B64A-12V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5LU5B64A-5V OPTOSUPPLY-OSY5LU5B64A-5V Datasheet
123Kb / 2P
   5mm Round Normal Bright Yellow Resistor LED
OSY5LU5B64A5V_VER.A.2 OPTOSUPPLY-OSY5LU5B64A5V_VER.A.2 Datasheet
127Kb / 2P
   5mm round normal bright yellow resistor led
OSG8NU5B64A12V_VER.A.2 OPTOSUPPLY-OSG8NU5B64A12V_VER.A.2 Datasheet
127Kb / 2P
   5mm round normal bright yellow green resistor led
OSG8NU5B64A-5V OPTOSUPPLY-OSG8NU5B64A-5V Datasheet
122Kb / 2P
   5mm Round Normal Bright Yellow Green Resistor LED
OSG8NU5B64A-12V OPTOSUPPLY-OSG8NU5B64A-12V Datasheet
122Kb / 2P
   5mm Round Normal Bright Yellow Green Resistor LED
OSY5LU5B64A12V_VER.A.2 OPTOSUPPLY-OSY5LU5B64A12V_VER.A.2 Datasheet
127Kb / 2P
   5mm round normal bright yellow rsistor led
OSR6LU5B64A12V_VER.A.2 OPTOSUPPLY-OSR6LU5B64A12V_VER.A.2 Datasheet
126Kb / 2P
   5mm round normal bright red resistor led
OSR6LU5B64A-5V OPTOSUPPLY-OSR6LU5B64A-5V Datasheet
122Kb / 2P
   5mm Round Normal Bright Red Resistor LED
OSR6LU5B64A-12V OPTOSUPPLY-OSR6LU5B64A-12V Datasheet
122Kb / 2P
   5mm Round Normal Bright Red Resistor LED
OS5YKA5B61P OPTOSUPPLY-OS5YKA5B61P Datasheet
112Kb / 1P
   Deluxe Power 5mm Round Ultra Bright Yellow LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com