Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSWIRGB Datasheet(PDF) 3 Page - OptoSupply International

Part # OSWIRGB
Description  Waterproof Flash RGB Ribbon Light
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWIRGB Datasheet(HTML) 3 Page - OptoSupply International

  OSWIRGB Datasheet HTML 1Page - OptoSupply International OSWIRGB Datasheet HTML 2Page - OptoSupply International OSWIRGB Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Model No.
OSWIRGB
REV.
C5
Product Dimensions:
1
UNIT:mm
AC IN
Controller
Power
supply
LED & Application Technologies
3


Similar Part No. - OSWIRGB

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
OptoSupply Internationa...
OSW33002X1B36VW OPTOSUPPLY-OSW33002X1B36VW Datasheet
126Kb / 1P
   d6*l37tubular pure white 36v led
OSW33002X1B68VW OPTOSUPPLY-OSW33002X1B68VW Datasheet
126Kb / 1P
   d6*l37tubular pure white 68v led
OSW33014C1A OPTOSUPPLY-OSW33014C1A Datasheet
504Kb / 9P
   3.0 x 1.4 x 0.8mm SMD
OSW35630C1A-150mA OPTOSUPPLY-OSW35630C1A-150mA Datasheet
496Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
More results

Similar Description - OSWIRGB

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMIRGB OPTOSUPPLY-OSMIRGB Datasheet
306Kb / 3P
   Flash RGB Ribbon Light
OSMTRGB OPTOSUPPLY-OSMTRGB Datasheet
366Kb / 4P
   RGB Ribbon Light
OSMSRGB OPTOSUPPLY-OSMSRGB Datasheet
371Kb / 4P
   RGB Ribbon Light
OSMFA0E30GA-TFMBS4C1A-X OPTOSUPPLY-OSMFA0E30GA-TFMBS4C1A-X Datasheet
141Kb / 4P
   RGB Ribbon Light
OSWORGB OPTOSUPPLY-OSWORGB Datasheet
324Kb / 3P
   RGB Waterproof Light
OSWBA0F30GH-TFMBS4C1A-X OPTOSUPPLY-OSWBA0F30GH-TFMBS4C1A-X Datasheet
98Kb / 3P
   RGB waterproof Light
OSWPRGB OPTOSUPPLY-OSWPRGB Datasheet
255Kb / 3P
   RGB Waterproof Light
OSWMRGB OPTOSUPPLY-OSWMRGB Datasheet
322Kb / 3P
   RGB Waterproof Light
OSWMRGB OPTOSUPPLY-OSWMRGB Datasheet
322Kb / 3P
   PRODUCT SPECIFICATION FOR RGB Waterproof Light
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
   RGB STRIP LIGHT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com