Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08LL36CLK Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08LL36CLK
Description  Technical Data
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL36CLK Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08LL36CLK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LL36CLK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
MC9S08LL64 Series MCU Data Sheet, Rev. 5
Freescale Semiconductor
3
1
Devices in the MC9S08LL64 Series
Table 1
summarizes the feature set available in the MC9S08LL64 series of MCUs.
The block diagram in Figure 1 shows the structure of the MC9S08LL64 series MCU.
Table 1. MC9S08LL64 Series Features by MCU and Package
Feature
MC9S08LL64
MC9S08LL36
Package
80-pin
LQFP
64-pin
LQFP
80-pin
LQFP
64-pin
LQFP
FLASH
64 KB
(32,768 and 32,768 Arrays)
36 KB
(24,576 and 12,288 Arrays)
RAM
4000
4000
ACMP
yes
yes
ADC
10-ch
8-ch
10-ch
8-ch
IIC
yes
yes
IRQ
yes
yes
KBI
8
8
SCI1
yes
yes
SCI2
yes
yes
SPI
yes
yes
TPM1
2-ch
2-ch
TPM2
2-ch
2-ch
TOD
yes
yes
LCD
8
×36
4
×40
8
×24
4
×28
8
×36
4
×40
8
×24
4
×28
VREFO1
yes
no
yes
no
VREFO2
no
yes
no
yes
I/O pins1
1 The 39 I/O pins include two output-only pins and 18 LCD GPIO.
39
37
39
37


Similar Part No. - MC9S08LL36CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08LL36CLK FREESCALE-MC9S08LL36CLK Datasheet
884Kb / 44P
   Technical Data
More results

Similar Description - MC9S08LL36CLK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com