Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F0252401VXA Datasheet(PDF) 8 Page - STMicroelectronics

Part # 5962F0252401VXA
Description  Rad-hard adjustable positive voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5962F0252401VXA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 5962F0252401VXA Datasheet HTML 4Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 5Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 6Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 7Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 8Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 9Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 10Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 11Page - STMicroelectronics 5962F0252401VXA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Device description
RHFL4913A
8/20
Doc ID 10005 Rev 11
5
Device description
The RHFL4913A adjustable voltage regulator contains a PNP type power element
controlled by a signal resulting from an amplified comparison between the internal
temperature-compensated band-gap and the fraction of the desired output voltage value
obtained from an external resistor divider bridge. The device is protected by several
functional blocks.
5.1
ADJ pin
The load output voltage feedback comes from an external resistor divider bridge mid-point
connected to the ADJ pin (allowing all possible output voltage settings as per user
requirements) established between load terminals.
5.2
Inhibit ON-OFF control
By setting the INHIBIT pin TTL high, the device switches off the output current and voltage.
The device is ON when the INHIBIT pin is set low. Since the INHIBIT pin is pulled down
internally, it can be left floating in cases where the inhibit function is not used.
5.3
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The
device turns off when a temperature of approximately 175 °C is reached, returning to ON
mode when back to approximately 135 °C. Combined with the other protection blocks, the
device is protected from destructive junction temperature excursions in all load conditions. It
should be noted that when the internal temperature detector reaches 175 °C, the active
power element can be as high as 225 °C. Prolonged operation under these conditions far
exceeds the maximum operating ratings and device reliability cannot be guaranteed.
5.4
Overcurrent protection
An internal non fold-back short circuit limitation is set with ISHORT > 3.8 A (VO is 0 V). This
value can be decreased via an external resistor connected between the ISC and VI pins, with
a typical value range of 10 k
Ω to 200 kΩ. To maintain optimal VO regulation, it is necessary
to set ISHORT 1.6 times greater than the maximum desired application IO. When IO reaches
ISHORT – 300 mA, the current limiter overrules the regulation, VO starts to drop and the OCM
flag is raised. When no current limitation adjustment is required, the ISC pin must be left
unbiased (as it is in 3 pin packages).
5.5
OCM pin
The OCM pin goes low when the current limit becomes active, otherwise VOCM = VI. It is
buffered and can sink 10 mA. The OCM pin is internally pulled up by a 5 k
Ω resistor.


Similar Part No. - 5962F0252401VXA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F0250301QXC INTERSIL-5962F0250301QXC Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
5962F0250301QXC RENESAS-5962F0250301QXC Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
logo
Intersil Corporation
5962F0250301V9A INTERSIL-5962F0250301V9A Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
5962F0250301V9A RENESAS-5962F0250301V9A Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
logo
Intersil Corporation
5962F0250301VXC INTERSIL-5962F0250301VXC Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
More results

Similar Description - 5962F0252401VXA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com