Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD350IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TD350IDT
Description  Advanced IGBT/MOSFET driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TD350IDT Datasheet HTML 1Page - STMicroelectronics TD350IDT Datasheet HTML 2Page - STMicroelectronics TD350IDT Datasheet HTML 3Page - STMicroelectronics TD350IDT Datasheet HTML 4Page - STMicroelectronics TD350IDT Datasheet HTML 5Page - STMicroelectronics TD350IDT Datasheet HTML 6Page - STMicroelectronics TD350IDT Datasheet HTML 7Page - STMicroelectronics TD350IDT Datasheet HTML 8Page - STMicroelectronics TD350IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin connections
TD350
4/17
Doc ID 9525 Rev 6
2
Pin connections
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Name
Pin number
Type
Function
IN
1
Analog input
Input
VREF
2
Analog output
+5V reference voltage
FAULT
3
Digital output
Fault status output
NC
4
Not connected
COFF
5
Timing capacitor
Turn off delay
NC
6
Not connected
LVOFF
7
Analog input
Turn off level
GND
8
Power supply
Signal ground
CLAMP
9
Analog output
Miller clamp
VL
10
Power supply
Negative supply
OUTL
11
Analog output
Gate drive output (sink)
OUTH
12
Analog output
Gate drive output (source)
VH
13
Power supply
Positive supply
DESAT
14
Analog input
Desaturation protection
COFF
IN
LVOFF
OUTH
VH
DESAT
TD350
NC
NC
FAULT
CLAMP
OUTL
GND
VREF
VL
5
1
2
6
4
3
7
10
14
13
9
11
12
8


Similar Part No. - TD350IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350IDT STMICROELECTRONICS-TD350IDT Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
More results

Similar Description - TD350IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com