Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2450BL15B200 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 2450BL15B200
Description  2.45 GHz Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450BL15B200 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  2450BL15B200 Datasheet HTML 1Page - Johanson Technology Inc. 2450BL15B200 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.45 GHz Balun
P/N 2450BL15B200
Detail Specification: 09/29/03
Page 1 of 2
General Specifications
Part Number
2450BL15B200
Operating Temperature
-40 to +85°C
Frequency (MHz)
2400~2500
Reel Quanity
Unbalanced Impedence
50 Ω
Power Capacity
3.0 watts max.
Differential Balanced Imp.
200 Ω
Insertion Loss
1.0 dB max.
Return Loss
9.5 dB min.
Phase Difference (degree)
180 ± 10
Terminal Configuration
Amplitude Difference
2 dB max.
No.
Function
1
Unbalanced Port
Mechanical Dimensions
2
GND or DC feed
In
mm
3
Balanced Port
L
±±
4
Balanced Port
W
±±
5
GND
T
±±
6
NC
a
±±
b
±±
c
g
±±
p
±±
Mounting Considerations
Mount these devices with brown mark facing up.
* Line width should be designed to provide proper impedance matching characteristics.
Units: mm
Without DC Feed
With DC Feed
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.012
0.014
0.004
0.35
0.30
+.004/-.006
0.10
0.026
0.002
0.65
0.05
+0.1/-0.2
1.25
0.85
0.10
0.10
0.10
0.10
0.008
0.012
0.004
0.30
0.004
0.20
0.049
0.004
0.033
0.004
"High Frequency Ceramic Solutions"
0.004
0.079
2.00
0.10
4,000
L
W
c
a
p
g
b
T
Land
Solder Resist
Through-hole (
φ0.3)
0.35
0.65
0.3
0.25
0.8
1.0
0.2
*
*
*
0.35
0.65
0.3
0.25
0.8
1.0
0.2
*
*
*


Similar Part No. - 2450BL15B200

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BL15B050 JOHANSON-2450BL15B050 Datasheet
102Kb / 2P
   2.45 GHz Balun
2450BL15B100 JOHANSON-2450BL15B100 Datasheet
148Kb / 2P
   2.45 GHz Balun
2450BL15B100E JOHANSON-2450BL15B100E Datasheet
148Kb / 2P
   High Frequency Ceramic Solutions
2450BL15B150 JOHANSON-2450BL15B150 Datasheet
142Kb / 2P
   2.45 GHz Balun
More results

Similar Description - 2450BL15B200

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BL14B100 JOHANSON-2450BL14B100 Datasheet
129Kb / 2P
   2.45 GHz Balun
2450BL14B050 JOHANSON-2450BL14B050 Datasheet
71Kb / 2P
   2.45 GHz Balun
2450BL15B150 JOHANSON-2450BL15B150 Datasheet
142Kb / 2P
   2.45 GHz Balun
2450BL14C050 JOHANSON-2450BL14C050 Datasheet
134Kb / 2P
   2.45 GHz Balun
2450BL15B050 JOHANSON-2450BL15B050 Datasheet
102Kb / 2P
   2.45 GHz Balun
2450BL15B100 JOHANSON-2450BL15B100 Datasheet
148Kb / 2P
   2.45 GHz Balun
2450FB39K001 JOHANSON-2450FB39K001 Datasheet
131Kb / 2P
   2.45 GHz Balun / Filter Combination
2450FB39A0150 JOHANSON-2450FB39A0150 Datasheet
125Kb / 2P
   2.45 GHz Balun/Filter Combination
2450FB39B100 JOHANSON-2450FB39B100 Datasheet
116Kb / 2P
   2.45 GHz Balun / Filter Combination
2450FB39A050 JOHANSON-2450FB39A050 Datasheet
134Kb / 2P
   2.45 GHz Balun / Filter Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com