Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08JE128CLK Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S08JE128CLK
Description  Covers: MC9S08JE128 and MC9S08JE64
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JE128CLK Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08JE128CLK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© Freescale Semiconductor, Inc., 2009-2010. All rights reserved.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
80-LQFP 12mm x 12mm
64-LQFP 10mm x 10mm
81-MapBGA 10mm x10mm
8-Bit HCS08 Central Processor Unit (CPU)
Up to 48-MHz CPU above 2.4 V, 40 MHz CPU above 2.1 V, and
20 MHz CPU above 1.8 V across temperature of -40°C to 105°C
HCS08 instruction set with added BGND instruction
Support for up to 32 interrupt/reset sources
On-Chip Memory
128 K Dual Array Flash read/program/erase over full operating
voltage and temperature
12 KB Random-access memory (RAM)
Security circuitry to prevent unauthorized access to RAM and
Flash
Power-Saving Modes
Two ultra-low power stop modes. Peripheral clock enable register
can disable clocks to unused modules to reduce currents
Time of Day (TOD) — Ultra-low power 1/4 sec counter with up to
64s timeout.
Ultra-low power external oscillator that can be used in stop modes
to provide accurate clock source to the TOD. 6 usec typical wake
up time from stop3 mode
Clock Source Options
Oscillator (XOSC1) — Loop-control Pierce oscillator; 32.768 kHz
crystal or ceramic resonator dedicated for TOD operation.
Oscillator (XOSC2) — for high frequency crystal input for MCG
reference to be used for system clock and USB operations.
Multipurpose Clock Generator (MCG) — PLL and FLL; precision
trimming of internal reference allows 0.2% resolution and 2%
deviation over temperature and voltage; supports CPU
frequencies from 4 kHz to 48 MHz.
System Protection
Watchdog computer operating properly (COP) reset Watchdog
computer operating properly (COP) reset with option to run from
dedicated 1-kHz internal clock source or bus clock
Low-voltage detection with reset or interrupt; selectable trip points;
separate low-voltage warning with optional interrupt; selectable
trip points
Illegal opcode and illegal address detection with reset
Flash block protection for each array to prevent accidental
write/erasure
Hardware CRC to support fast cyclic redundancy checks
Development Support
Single-wire background debug interface
Real-time debug with 6 hardware breakpoints (4 PC, 1 address
and 1 data) Breakpoint capability to allow single breakpoint setting
during in-circuit debugging
On-chip in-circuit emulator (ICE) debug module containing 3
comparators and 9 trigger modes
Peripherals
CMT— Carrier Modulator timer for remote control
communications. Carrier generator, modulator and driver for
dedicated infrared out. Can be used as an output compare timer.
IIC— Up to 100 kbps with maximum bus loading; Multi-master
operation; Programmable slave address; Interrupt driven
byte-by-byte data transfer; supports broadcast mode and 11-bit
addressing
PRACMP — Analog comparator with selectable interrupt;
compare option to programmable internal reference voltage;
operation in stop3
SCI — Two serial communications interfaces with optional 13-bit
break; option to connect Rx input to PRACMP output on SCI1 and
SCI2; High current drive on Tx on SCI1 and SCI2; wake-up from
stop3 on Rx edge
SPI1— Serial peripheral interface (SPI) with 64-bit FIFO buffer;
16-bit or 8-bit data transfers; full-duplex or single-wire
bidirectional; double-buffered transmit and receive; master or
slave mode; MSB-first or LSB-first shifting
SPI2— Serial peripheral interface with full-duplex or single-wire
bidirectional; Double-buffered transmit and receive; Master or
Slave mode; MSB-first or LSB-first shifting
TPM — Two 4-channel Timer/PWM Module; Selectable input
capture, output compare, or buffered edge- or center-aligned
PWM on each channel; external clock input/pulse accumulator
USB — Supports USB in full-speed device configuration. On-chip
transceiver and 3.3V regulator help save system cost, fully
compliant with USB Specification 2.0. Allows control, bulk,
interrupt and isochronous transfers.
ADC12 — 12-bit Successive approximation ADC with up to 4
dedicated differential channels and 8 single-ended channels;
range compare function; 1.7 mV/
°C temperature sensor; internal
bandgap reference channel; operation in stop3; fully functional
from 3.6V to 1.8V, Configurable hardware trigger for 8 Channel
select and result registers
PDB — Programmable delay block with 16-bit counter and
modulus and prescale to set reference clock to bus divided by 1 to
bus divided by 2048; 8 trigger outputs for ADC12 module provides
periodic coordination of ADC sampling sequence with sequence
completion interrupt; Back-to-Back mode and Timed mode
DAC — 12-bit resolution; 16-word data buffers with configurable
watermark.
Input/Output
Up to 47 GPIOs and 2 output-only pin and 1 input-only pin.
Voltage Reference output (VREFO).
Dedicated infrared output pin (IRO) with high current sink
capability.
Up to 16 KBI pins with selectable polarity.
Package Options
81-MBGA 10x10 mm
80-LQFP 12x12 mm
64-LQFP 10x10 mm
Freescale Semiconductor
Data Sheet: Advanced Information
Document Number: MC9S08JE128
Rev. 3, 04/2010
MC9S08JE128 series
Covers: MC9S08JE128 and MC9S08JE64
An Energy-Efficient Solution from Freescale
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Similar Part No. - MC9S08JE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08JM16 FREESCALE-MC9S08JM16 Datasheet
7Mb / 386P
   Microcontrollers
logo
NXP Semiconductors
MC9S08JM16 NXP-MC9S08JM16 Datasheet
174Kb / 2P
   8-bit USB microcontroller
REV 1
MC9S08JM16 NXP-MC9S08JM16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JM16 NXP-MC9S08JM16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JM16 NXP-MC9S08JM16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08JE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08LG32 FREESCALE-MC9S08LG32 Datasheet
3Mb / 47P
   Covers: MC9S08LG32 and MC9S08LG16
Rev. 4, 2/2009
logo
List of Unclassifed Man...
400-5053 ETC2-400-5053 Datasheet
117Kb / 2P
   Case and Optional Covers
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64 Datasheet
839Kb / 38P
   Covers: MC9S08GW64 and MC9S08GW32
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Glenair, Inc.
189-047 GLENAIR-189-047 Datasheet
168Kb / 2P
   Plug and Receptacle Protective Covers
logo
Freescale Semiconductor...
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
logo
List of Unclassifed Man...
D01294 ETC2-D01294 Datasheet
4Mb / 4P
   Hexagon Nut And Screw Head Covers
logo
Littelfuse
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
   Protective Covers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com