Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0465BL15B100E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 0465BL15B100E
Description  465 MHz Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0465BL15B100E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  0465BL15B100E Datasheet HTML 1Page - Johanson Technology Inc. 0465BL15B100E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
465 MHz Balun
P/N 0465BL15B100
Detail Specification: 08/11/06
Page 1 of 2
General Specifications
Part Number
0465BL15B100
Phase Difference
180° ± 10
Frequency (MHz)
460 - 470
Amplitude Difference
1.5 dB max.
Balanced Impedence
100 Ω
Operating Temperature
-40 to +85°C
Insertion Loss
1.0 dB max.
Reel Quanity
4,000
Return Loss
9.5 dB min.
Power Capacity
0.5 watts max.
Packaging
Bulk
Suffix = S
Eg. 0465BL15B100S
P/N
Style
T & R
Suffix = E
Eg. 0465BL15B100E
Suffix Termination
100% Tin
Suffix = None
Eg. 0465BL15B100(E or S)
Terminal Configuration
Style
Tin / Lead
Please consult Factory
No.
Function
1
Balanced Port (OUT1)
Mechanical Dimensions
2
GND
In
mm
3
Balanced Port (OUT2)
L
±±
4
Unbalanced Port (IN)
W
±±
5
NC
T
±±
6
GND
a
±±
b
±±
c
g
±±
p
±±
Mounting Considerations
Mount these devices with brown mark facing up.
* Line width should be designed to match 50
Ω characteristic impedance, depending on PCB material and thickness.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.10
0.20
"High Frequency Ceramic Solutions"
0.004
0.079
2.00
0.10
0.10
0.10
1.25
0.95
0.008
0.012
0.004
0.30
0.004
0.049
0.004
0.037
0.004
0.026
0.002
0.65
0.05
0.014
0.004
0.35
0.10
0.012
0.30
+.004/-.008
+0.1/-0.2
0.10
L
W
c
Land
Solder Resist
Through-hole (Φ 0.3)
ap
gb
T
0.8
1.0
0.30
*
*
*
0.35


Similar Part No. - 0465BL15B100E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0465001. LITTELFUSE-0465001. Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
0465001.DR LITTELFUSE-0465001.DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
0465002. LITTELFUSE-0465002. Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
0465002.DR LITTELFUSE-0465002.DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
0465004. LITTELFUSE-0465004. Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results

Similar Description - 0465BL15B100E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856288 TRIQUINT-856288 Datasheet
558Kb / 5P
   465 MHz SAW Filter
855991 TRIQUINT-855991 Datasheet
578Kb / 5P
   465 MHz SAW Filter
856288 TRIQUINT-856288_15 Datasheet
477Kb / 5P
   465 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1257A TAI-SAW-TA1257A Datasheet
438Kb / 8P
   SAW Filter 465 MHz
TB0206A TAI-SAW-TB0206A Datasheet
659Kb / 5P
   IF SAW Filter 465 MHz
logo
Johanson Technology Inc...
0866BL15C200 JOHANSON-0866BL15C200 Datasheet
139Kb / 1P
   850 MHz Balun
0917BL18B100 JOHANSON-0917BL18B100 Datasheet
87Kb / 2P
   900 MHz Balun
5400BL15B200 JOHANSON-5400BL15B200 Datasheet
140Kb / 2P
   5400 MHz Balun
0900BL15C050 JOHANSON-0900BL15C050 Datasheet
94Kb / 2P
   900 MHz Balun
1550BL15A0075 JOHANSON-1550BL15A0075 Datasheet
310Kb / 2P
   1550 MHz Balun
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com