Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1293A-02SO Datasheet(PDF) 7 Page - ON Semiconductor

Part # CM1293A-02SO
Description  2-and 4-Channel Low Capacitance ESD Protection Arrays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1293A-02SO Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CM1293A-02SO Datasheet HTML 3Page - ON Semiconductor CM1293A-02SO Datasheet HTML 4Page - ON Semiconductor CM1293A-02SO Datasheet HTML 5Page - ON Semiconductor CM1293A-02SO Datasheet HTML 6Page - ON Semiconductor CM1293A-02SO Datasheet HTML 7Page - ON Semiconductor CM1293A-02SO Datasheet HTML 8Page - ON Semiconductor CM1293A-02SO Datasheet HTML 9Page - ON Semiconductor CM1293A-02SO Datasheet HTML 10Page - ON Semiconductor CM1293A-02SO Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CM1293A
Rev. 4 | Page 7 of 16 | www.onsemi.com
Application Information
Design Considerations
In order to realize the maximum protection against ESD pulses, care must be taken in the PCB layout to
minimize parasitic series inductances on the Supply/Ground rails as well as the signal trace segment between
the signal input (typically a connector) and the ESD protection device. Refer to Figure 3, which illustrates an
example of a positive ESD pulse striking an input channel. The parasitic series inductance back to the power
supply is represented by L
1 and L2. The voltage VCL on the line being protected is:
V
CL = Fwd voltage drop of D1 + VSUPPLY + L1 x d(IESD) / dt+ L2 x d(IESD) / dt
where I
ESD is the ESD current pulse, and VSUPPLY is the positive supply voltage.
An ESD current pulse can rise from zero to its peak value in a very short time. As an example, a level 4 contact
discharge per the IEC61000-4-2 standard results in a current pulse that rises from zero to 30 Amps in 1ns.
Here d(I
ESD)/dt can be approximated by ∆IESD/∆t, or 30/(1x10
-9). So just 10nH of series inductance (L
1 and L2
combined) will lead to a 300V increment in V
CL!
Similarly for negative ESD pulses, parasitic series inductance from the V
N pin to the ground rail will lead to
drastically increased negative voltage on the line being protected.
The CM1293 has an integrated Zener diode between V
P and VN. This greatly reduces the effect of supply rail
inductance L
2 on VCL by clamping VP at the breakdown voltage of the Zener diode. However, for the lowest
possible V
CL, especially when VP is biased at a voltage significantly below the Zener breakdown voltage, it is
recommended that a 0.22µF ceramic chip capacitor be connected between V
P and the ground plane.
As a general rule, the ESD Protection Array should be located as close as possible to the point of entry of
expected electrostatic discharges. The power supply bypass capacitor mentioned above should be as close to
the V
P pin of the Protection Array as possible, with minimum PCB trace lengths to the power supply, ground
planes and between the signal input and the ESD device to minimize stray series inductance.
Figure 3. Application of Positive ESD Pulse between Input Channel and Ground


Similar Part No. - CM1293A-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293A-02SO ONSEMI-CM1293A-02SO Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results

Similar Description - CM1293A-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com