Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1244 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CM1244
Description  4-Channel ESD Array in CSP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1244 Datasheet(HTML) 4 Page - ON Semiconductor

  CM1244 Datasheet HTML 1Page - ON Semiconductor CM1244 Datasheet HTML 2Page - ON Semiconductor CM1244 Datasheet HTML 3Page - ON Semiconductor CM1244 Datasheet HTML 4Page - ON Semiconductor CM1244 Datasheet HTML 5Page - ON Semiconductor CM1244 Datasheet HTML 6Page - ON Semiconductor CM1244 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CM1244
Rev.3 | Page 4 of 7 | www.onsemi.com
Application Information
Refer to Application Note AP-217, “The Chip Scale Package,” for a detailed description of Chip Scale Packages
offered by California Micro Devices.
Performance Information
Diode Characteristics (nominal conditions unless specified otherwise)
Figure 1. Typical Diode Capacitance VS. Input Voltage (normalized to 2.5VDC)
Figure 2. Frequency Response (single channel vs. GND, in 50Ω system)


Similar Part No. - CM1244

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1244 CML-CM1244 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1244 VCC-CM1244 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
More results

Similar Description - CM1244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
CSPESD304 ONSEMI-CSPESD304 Datasheet
249Kb / 5P
   4-Channel ESD Array in CSP
May, 2011 ??Rev. 3
logo
California Micro Device...
CM1204 CALMIRCO-CM1204 Datasheet
106Kb / 6P
   4-Channel ESD Array in CSP
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
California Micro Device...
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
   4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
   1,2 and 3-Channel ESD Arrays in CSP
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
logo
California Micro Device...
CM1203 CALMIRCO-CM1203 Datasheet
246Kb / 7P
   1, 2 and 3-Channel ESD Arrays in CSP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com