Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3100AT51A7200 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 3100AT51A7200
Description  Ultra Wide Band (UWB) Chip Antenna 3.1 -10.3 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

3100AT51A7200 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  3100AT51A7200 Datasheet HTML 1Page - Johanson Technology Inc. 3100AT51A7200 Datasheet HTML 2Page - Johanson Technology Inc. 3100AT51A7200 Datasheet HTML 3Page - Johanson Technology Inc. 3100AT51A7200 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Wide Band (UWB) Chip Antenna 3.1 -10.3 GHz
P/N 3100AT51A7200
Detail Specification: 08/29/2008
Page 1 of 4
General Specifications
Part Number
3100AT51A7200
Input Power
3W max.
Freq. Range (GHz)
3100 - 10300
Impedance
50 Ω
Peak Gain (XZ-V)
Operating Temp.
-40 to +85°C
Average Gain (XZ-V)
Reel Quanity
1,000
Return Loss
Terminal Configuration
Packaging
Bulk
Suffix = S
Eg. 3100AT51A7200S
No.
Function
P/N
Style
T & R
Suffix = E
Eg. 3100AT51A7200E
1
GND
Suffix Termination
100% Tin
Suffix = None
Eg. 3100AT51A7200(E or S)
2
Feeding Point
Style
Tin / Lead
Suffix = /Pb
Eg. 3100AT51A7200(E or S)/Pb
3
GND
4
NC
Mechanical Dimensions
5
NC
In
mm
6
NC
L
±±
W
±±
T
±±
a
±±
b
±±
Mounting Considerations
Mount these devices with white mark facing up. Units: mm
* Line width should be designed to provide 50 Ω imped. matching characteristics, depending on PCB material and thickness.
**No matching circuit required
Units mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2008 Johanson Technology, Inc. All Rights Reserved
0.020
0.012
0.50
0.30
High Frequency Ceramic Solutions
0.012
0.394
10.00
0.30
1.5 dBi typ.
-3.5 dBi typ.
9.5 dB min.
0.039
0.012
0.236
0.047
0.012
0.008
0.30
1.00
0.30
1.20
6.00
0.20
4
5
6
1
2
3
L
W
a
T
b
1
1.3
8.48
0 Ohm
2.7
Ground (Bottom-layer)
No Ground
50Ω feed line
1.3
1.3
1.3
1.3
10.5
3.7
GND Via
**
20.7
14.5


Similar Part No. - 3100AT51A7200

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3100 3M-3100 Datasheet
29Kb / 3P
   3M??Mining Cable Splice Kits,
logo
Microchip Technology
3100 MICROCHIP-3100 Datasheet
1Mb / 2P
   12 Gbps PCIe Gen3 SAS/SATA RAID Adapters
logo
Heyco.
3100 HEYCO-3100 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
Tyco Electronics
3100-10P14999 MACOM-3100-10P14999 Datasheet
160Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
3100-10P18999 MACOM-3100-10P18999 Datasheet
160Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
More results

Similar Description - 3100AT51A7200

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5130BP18U4060 JOHANSON-5130BP18U4060 Datasheet
130Kb / 2P
   UWB (3.1 - 7.16 GHz) Band Pass Filter
logo
Abracon Corporation
ACG0301U ABRACON-ACG0301U Datasheet
1Mb / 12P
   UWB: 6.2 – 8.2 GHz Chip Antenna
09-23-22
ACG0502U ABRACON-ACG0502U Datasheet
917Kb / 11P
   UWB: 3.7 – 4.2 GHz Chip Antenna
09-21-22
ACG0806U ABRACON-ACG0806U Datasheet
1Mb / 14P
   UWB: 3.3 – 7.2 GHz Chip Antenna
09-23-22
ACR1004U-EVB ABRACON-ACR1004U-EVB Datasheet
456Kb / 3P
   Evaluation Board - UWB (3 GHZ ~ 6 GHZ) - CHIP ANTENNA
09-13-21
ACR0301U-EVB ABRACON-ACR0301U-EVB Datasheet
414Kb / 3P
   Evaluation Board - 6.24 ~ 8.50 GHz UWB - Chip Antenna
09-15-21
logo
TDK Electronics
ANT1085-4R1-01A-ES4.5 TDK-ANT1085-4R1-01A-ES4.5 Datasheet
91Kb / 4P
   LTCC CHIP ANTENNA FOR UWB
logo
Johanson Technology Inc...
2450AT43F0100E JOHANSON-2450AT43F0100E Datasheet
733Kb / 5P
   2.45 GHz wide band, small form factor SMD chip antenna
2450AT43F0100 JOHANSON-2450AT43F0100 Datasheet
289Kb / 4P
   2.45 GHz wide band, low profile antenna
logo
Taoglas antenna solutio...
FXUB66010150C TAOGLAS-FXUB66010150C Datasheet
994Kb / 14P
   Flexible Ultra Wide Band Antenna 700-6000MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com