Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1225-04DE Datasheet(PDF) 10 Page - ON Semiconductor

Part # CM1225-04DE
Description  4-Channel Low Capacitance ESD Protection Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1225-04DE Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CM1225-04DE Datasheet HTML 3Page - ON Semiconductor CM1225-04DE Datasheet HTML 4Page - ON Semiconductor CM1225-04DE Datasheet HTML 5Page - ON Semiconductor CM1225-04DE Datasheet HTML 6Page - ON Semiconductor CM1225-04DE Datasheet HTML 7Page - ON Semiconductor CM1225-04DE Datasheet HTML 8Page - ON Semiconductor CM1225-04DE Datasheet HTML 9Page - ON Semiconductor CM1225-04DE Datasheet HTML 10Page - ON Semiconductor CM1225-04DE Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CM1225
Rev. 2 | Page 10 of 11 | www.onsemi.com
Tape and Reel Specifications
PART NUMBER
PACKAGE SIZE
(mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CM1225
2.50 X 1.00 X 0.50
2.80 X 1.45 X 0.70
8mm
178mm (7")
3000
4mm
4mm


Similar Part No. - CM1225-04DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
logo
California Micro Device...
CM1220-04CP CALMIRCO-CM1220-04CP Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220-04CP ONSEMI-CM1220-04CP Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
logo
California Micro Device...
CM1220-04CS CALMIRCO-CM1220-04CS Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
More results

Similar Description - CM1225-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com