Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1218-02S7 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CM1218-02S7
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1218-02S7 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CM1218-02S7 Datasheet HTML 5Page - ON Semiconductor CM1218-02S7 Datasheet HTML 6Page - ON Semiconductor CM1218-02S7 Datasheet HTML 7Page - ON Semiconductor CM1218-02S7 Datasheet HTML 8Page - ON Semiconductor CM1218-02S7 Datasheet HTML 9Page - ON Semiconductor CM1218-02S7 Datasheet HTML 10Page - ON Semiconductor CM1218-02S7 Datasheet HTML 11Page - ON Semiconductor CM1218-02S7 Datasheet HTML 12Page - ON Semiconductor CM1218-02S7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CM1218
Rev. 2 | Page 9 of 17 | www.onsemi.com
Mechanical Details
SOT23-6 Mechanical Specifications:
The CM1218-05ST/SO is supplied in a 6-pin SOT23 package. Dimensions are presented below.
For complete information on the SOT23-6, see the California Micro Devices SOT23 Package Information
document.
PACKAGE DIMENSIONS
Package
SOT23-6
JEDEC No.
MO-178 (Var. AB)
Pins/Leads
6
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
--
1.45
--
0.0571
A1
0.00
0.15
0.0000
0.0059
b
0.30
0.50
0.0118
0.0197
c
0.08
0.22
0.0031
0.0087
D
2.75
3.05
0.1083
0.1201
E
2.60
3.00
0.1024
0.1181
E1
1.45
1.75
0.0571
0.0689
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.30
0.60
0.0118
0.0236
L1
0.60 REF
0.0236REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
TOP VIEW
A
SIDE VIEW
D
A1
L1
END VIEW
c
L
12
3
65
4
e1
e
E1 E
b
Package Dimensions for SOT23-6


Similar Part No. - CM1218-02S7

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1218-02S7 CALMIRCO-CM1218-02S7 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
More results

Similar Description - CM1218-02S7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com