Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1218-C4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1218-C4
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1218-C4 Datasheet(HTML) 3 Page - ON Semiconductor

  CM1218-C4 Datasheet HTML 1Page - ON Semiconductor CM1218-C4 Datasheet HTML 2Page - ON Semiconductor CM1218-C4 Datasheet HTML 3Page - ON Semiconductor CM1218-C4 Datasheet HTML 4Page - ON Semiconductor CM1218-C4 Datasheet HTML 5Page - ON Semiconductor CM1218-C4 Datasheet HTML 6Page - ON Semiconductor CM1218-C4 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CM1218-C4
Rev. 2 | Page 3 of 7 | www.onsemi.com
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
–65 to +150
°C
Package Power Dissipation
SOT-553
0.15
W
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
–40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
C
IN
Channel Input Capacitance
T
A = 25°C, 2.5VDC, 1MHz
7
pF
C
IN
Differential Channel I/O to GND
Capacitance
T
A = 25°C, 2.5VDC, 1MHz
0.19
pF
I
R = 10µA, TA = 25°C
5.5
V
V
RSO
Reverse Stand-off Voltage
I
R = 1mA, TA = 25°C
6.1
V
I
LEAK
Leakage Current
V
IN = 5.0VDC, TA = 25°C
1
µA
V
SIG
Small Signal Clamp Voltage
Positive Clamp
Negative Clamp
I = 10mA, T
A = 25°C
I = –10mA, T
A = 25°C
6.8
-0.8
V
V
V
ESD
ESD Withstand Voltage
Contact Discharge per IEC 61000-
4-2 standard
Human Body Model, MIL-STD-883,
Method 3015
Notes 2 and 3; T
A = 25°C
Notes 1 and 3; T
A = 25°C
+15
+30
kV
kV
R
D
Diode Dynamic Resistance
Forward Conduction
Reverse Conduction
T
A = 25°C; Note 1
0.57
1.36
Note 1: Human Body Model per MIL-STD-883, Method 3015, C
Discharge = 100pF, RDischarge = 1.5KΩ, VN grounded.
Note 2: Standard IEC 61000-4-2 with C
Discharge = 150pF, RDischarge = 330Ω, VN grounded.
Note 3: These measurements performed with no external capacitor on CH
X.


Similar Part No. - CM1218-C4

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1218-02S7 CALMIRCO-CM1218-02S7 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1218-02S7 ONSEMI-CM1218-02S7 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
logo
California Micro Device...
CM1218-02SC CALMIRCO-CM1218-02SC Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1218-02SO CALMIRCO-CM1218-02SO Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1218-02SO ONSEMI-CM1218-02SO Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
More results

Similar Description - CM1218-C4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com