Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25320VP2E-T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT25320VP2E-T3
Description  32-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25320VP2E-T3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT25320VP2E-T3 Datasheet HTML 1Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 2Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 3Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 4Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 5Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 6Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 7Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 8Page - ON Semiconductor CAT25320VP2E-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT25320
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Supply Current
(Read Mode)
Read, VCC = 5.5 V,
SO open
10 MHz / −40°C to 85°C
2
mA
5 MHz / −40°C to 125°C
2
mA
ICCW
Supply Current
(Write Mode)
Write, VCC = 5.5 V,
SO open
10 MHz / −40°C to 85°C
2
mA
5 MHz / −40°C to 125°C
3
mA
ISB1
Standby Current
VIN = GND or VCC, CS = VCC,
WP = VCC, VCC = 5.5 V
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
2
mA
ISB2
Standby Current
VIN = GND or VCC, CS = VCC,
WP = GND, VCC = 5.5 V
TA = −40°C to +85°C
3
mA
TA = −40°C to +125°C
5
mA
IL
Input Leakage Current
VIN = GND or VCC
−2
2
mA
ILO
Output Leakage
Current
CS = VCC,
VOUT = GND or VCC
TA = −40°C to +85°C
−1
1
mA
TA = −40°C to +125°C
−1
2
mA
VIL
Input Low Voltage
−0.5
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC ≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
VCC ≥ 2.5 V, IOH = −1.6 mA
VCC − 0.8 V
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 150 mA
0.2
V
VOH2
Output High Voltage
VCC < 2.5 V, IOH = −100 mA
VCC − 0.2 V
V
Table 4. PIN CAPACITANCE (Note 2) (TA = 25°C, f = 1.0 MHz, VCC = +5.0 V)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0 V
8
pF
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)
VIN = 0 V
8
pF


Similar Part No. - CAT25320VP2E-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25320VP2I-GT3 CATALYST-CAT25320VP2I-GT3 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25320VP2I-GT3 ONSEMI-CAT25320VP2I-GT3 Datasheet
132Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 11
logo
Catalyst Semiconductor
CAT25320VP2IT3 CATALYST-CAT25320VP2IT3 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
More results

Similar Description - CAT25320VP2E-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25320 ONSEMI-CAT25320_15 Datasheet
132Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 11
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25320 ONSEMI-CAV25320 Datasheet
163Kb / 13P
   32-Kb SPI Serial CMOS EEPROM
October, 2013 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com