Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25256CAA8E-T2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT25256CAA8E-T2
Description  256-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25256CAA8E-T2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT25256CAA8E-T2 Datasheet HTML 4Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 5Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 6Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 7Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 8Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 9Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 10Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 11Page - ON Semiconductor CAT25256CAA8E-T2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT25256
http://onsemi.com
8
Write Status Register
The Status Register is written by sending a WRSR
instruction according to timing shown in Figure 7. Only bits
2, 3 and 7 can be written using the WRSR command.
Write Protection
The Write Protect (WP) pin can be used to protect the
Block Protect bits BP0 and BP1 against being inadvertently
altered. When WP is low and the WPEN bit is set to “1”,
write operations to the Status Register are inhibited. WP
going low while CS is still low will interrupt a write to the
status register. If the internal write cycle has already been
initiated, WP going low will have no effect on any write
operation to the Status Register. The WP pin function is
blocked when the WPEN bit is set to “0”. The WP input
timing is shown in Figure 8.
Figure 7. WRSR Timing
01
2
3
45
6
7
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
7
6
5
4
3
2
10
00
0
0
0
0
0
1
OPCODE
Dashed Line = mode (1, 1)
CS
Figure 8. WP Timing
SCK
WP
Dashed Line = mode (1, 1)
WP
CS
tWPH
tWPS


Similar Part No. - CAT25256CAA8E-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256 ONSEMI-CAT25256 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT25256HU4E-GT3 ONSEMI-CAT25256HU4E-GT3 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256HU4E.GT3 ONSEMI-CAT25256HU4E.GT3 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results

Similar Description - CAT25256CAA8E-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256LI-G ONSEMI-CAT25256LI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256VI-G ONSEMI-CAT25256VI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_12 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
NV25256WF ONSEMI-NV25256WF Datasheet
104Kb / 12P
   256-Kb SPI Serial Automotive EEPROM
January, 2018 ??Rev. 1
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com