Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1214A-02MR Datasheet(PDF) 11 Page - ON Semiconductor

Part # CM1214A-02MR
Description  1- and 2-Channel PicoGuard AC Signal ESD Protector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1214A-02MR Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CM1214A-02MR Datasheet HTML 6Page - ON Semiconductor CM1214A-02MR Datasheet HTML 7Page - ON Semiconductor CM1214A-02MR Datasheet HTML 8Page - ON Semiconductor CM1214A-02MR Datasheet HTML 9Page - ON Semiconductor CM1214A-02MR Datasheet HTML 10Page - ON Semiconductor CM1214A-02MR Datasheet HTML 11Page - ON Semiconductor CM1214A-02MR Datasheet HTML 12Page - ON Semiconductor CM1214A-02MR Datasheet HTML 13Page - ON Semiconductor CM1214A-02MR Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CM1214A
Rev. 2 | Page 11 of 14 | www.onsemi.com
Tape and Reel Specifications
PART NUMBER
PACKAGE SIZE
(mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CM1214A-01SO
2.92 X 2.37 X 1.01
2.77 X 3.15 X 1.22
8mm
178mm (7")
3000
4mm
4mm


Similar Part No. - CM1214A-02MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1214A-02MR CALMIRCO-CM1214A-02MR Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A-02MR ONSEMI-CM1214A-02MR Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
More results

Similar Description - CM1214A-02MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
logo
List of Unclassifed Man...
CM1214 ETC-CM1214 Datasheet
321Kb / 10P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com