Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT130019RWI-GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT130019RWI-GT3
Description  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT130019RWI-GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT130019RWI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 12Page - ON Semiconductor CAT130019RWI-GT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT130xx
© 2008 SCILLC. All rights reserved.
9
Doc. No. MD-1121 Rev. B
Characteristics subject to change without notice
Erase
Upon receiving an ERASE command and address,
the CS (Chip Select) pin must be deasserted for a
minimum of tCSMIN (Figure 7). The falling edge of CS
will start the self clocking clear cycle of the selected
memory location. The clocking of the SK pin is not
necessary after the device has entered the self
clocking
mode.
The
ready/busy
status
of
the
CAT130xx can be determined by selecting the device
and polling the DO pin. Once cleared, the content of a
cleared location returns to a logical “1” state.
Erase All
Upon receiving an ERAL command (Figure 8), the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
clear cycle of all memory locations in the device. The
clocking of the SK pin is not necessary after the
device has entered the self clocking mode. The
ready/busy status of the CAT130xx can be determi–
ned by selecting the device and polling the DO pin.
Once cleared, the contents of all memory bits return to
a logical “1” state.
Figure 7. Erase Instruction Timing
Figure 8. ERAL Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS
11
A0
SK
CS
DI
DO
STANDBY
tCS
HIGH-Z
HIGH-Z
10
1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
00


Similar Part No. - CAT130019RWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT130019RWI-GT3 CATALYST-CAT130019RWI-GT3 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
More results

Similar Description - CAT130019RWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com