Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1216 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CM1216
Description  6 and 8-Channel Low Capacitance ESD Arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1216 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CM1216 Datasheet HTML 5Page - ON Semiconductor CM1216 Datasheet HTML 6Page - ON Semiconductor CM1216 Datasheet HTML 7Page - ON Semiconductor CM1216 Datasheet HTML 8Page - ON Semiconductor CM1216 Datasheet HTML 9Page - ON Semiconductor CM1216 Datasheet HTML 10Page - ON Semiconductor CM1216 Datasheet HTML 11Page - ON Semiconductor CM1216 Datasheet HTML 12Page - ON Semiconductor CM1216 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CM1216
Rev. 2 | Page 9 of 13 | www.onsemi.com
Mechanical Details (Cont’d)
MSOP-8 Mechanical Specifications:
The CM1216-06MR is supplied in an 8-pin MSOP package. Dimensions are presented below.
PACKAGE DIMENSIONS
Package
MSOP
Pins
8
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
0.75
0.95
0.030
0.037
A1
0.05
0.15
0.002
0.006
B
0.28
0.38
0.011
0.015
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.65 BSC
0.026 BSC
H
4.90 BSC
0.193 BSC
L
0.40
0.70
0.016
0.028
# per tape
and reel
4000 pieces
Controlling dimension: millimeters
E
D
H
1
2
3
4
8
7
6
5
L
END VIEW
C
e
B
A
A1
SEAT ING
PLANE
SIDE VIEW
TOP VIEW
Pin 1
Marking
Package Dimensions for MSOP-8


Similar Part No. - CM1216

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216-06MR CALMIRCO-CM1216-06MR Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1216-06MR ONSEMI-CM1216-06MR Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216-06MS CALMIRCO-CM1216-06MS Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
More results

Similar Description - CM1216

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com