Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT140041SWI-GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT140041SWI-GT3
Description  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT140041SWI-GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT140041SWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 12Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 13Page - ON Semiconductor CAT140041SWI-GT3 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT140xx
Doc. No. MD-1117 Rev. B
10
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
READ OPERATIONS
Immediate Read
Upon receiving a Slave address with the R/W bit set
to ‘1’, the CAT140xx will interpret this as a request for
data residing at the current byte address in memory.
The CAT140xx will acknowledge the Slave address,
will immediately shift out the data residing at the
current address, and will then wait for the Master to
respond. If the Master does not acknowledge the data
(NoACK) and then follows up with a STOP condition
(Figure 10), the CAT140xx returns to Standby mode.
Selective Read
Selective Read operations allow the Master device to
select at random any memory location for a read
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte address of the location it wishes to
read. After the CAT140xx acknowledges the byte
address, the Master device resends the START
condition and the slave address, this time with the R/W
bit set to one. The CAT140xx then responds with its
acknowledge and sends the requested data byte. The
Master device does not acknowledge the data (NoACK)
but will generate a STOP condition (Figure 11).
Sequential Read
If during a Read session, the Master acknowledges
the 1
st data byte, then the CAT140xx will continue
transmitting data residing at subsequent locations until
the Master responds with a NoACK, followed by a
STOP (Figure 12). In contrast to Page Write, during
Sequential Read the address count will automatically
increment to and then wrap-around at end of memory
(rather than end of page).
POWER-ON RESET (POR)
Each CAT140xx incorporates Power-On Reset (POR)
circuitry which protects the internal logic against
powering up in the wrong state.
A CAT140xx device will power up into Standby mode
after VCC exceeds the POR trigger level and will power
down into Reset mode when VCC drops below the
POR trigger level. This bi-directional POR feature
protects the device against ‘brown-out’ failure follo–
wing a temporary loss of power.
Delivery State
The CAT140xx is shipped erased, i.e., all bytes are FFh.


Similar Part No. - CAT140041SWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT140041SWI-GT3 CATALYST-CAT140041SWI-GT3 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
More results

Similar Description - CAT140041SWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com