Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2500AT43A0100 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 2500AT43A0100
Description  2.5GHz Chip Antenna (No GND clearance required)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2500AT43A0100 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  2500AT43A0100 Datasheet HTML 1Page - Johanson Technology Inc. 2500AT43A0100 Datasheet HTML 2Page - Johanson Technology Inc. 2500AT43A0100 Datasheet HTML 3Page - Johanson Technology Inc. 2500AT43A0100 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.5GHz Chip Antenna (No GND clearance required)
P/N 2500AT43A0100
Detail Specification: 05/22/08
Page 2 of 4
Mounting Considerations
Test Board
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2009 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
Antenna
Ground
20mm
40mm
9.5mm
50Ω Feed Line
Antenna
Ground
50
Ω Feed Line
100mm
Via
Matching Circuits
40mm
100mm
40mm
Ground
Bottom View
Top View
Preliminary


Similar Part No. - 2500AT43A0100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
145Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
294Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
84Kb / 4P
   WiMAX Products
2500AT44M0400E JOHANSON-2500AT44M0400E Datasheet
294Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400E/Pb JOHANSON-2500AT44M0400E/Pb Datasheet
294Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
More results

Similar Description - 2500AT43A0100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2650AT43A0100 JOHANSON-2650AT43A0100 Datasheet
188Kb / 4P
   2.6~2.7GHz Chip Antenna (Ground Clearance Not Required)
logo
Pulse A Technitrol Comp...
DASUTLC500NF PULSE-DASUTLC500NF Datasheet
1Mb / 15P
   DAS, Ultra Thin, Low Clearance Antenna
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
logo
Pulse A Technitrol Comp...
W1095X PULSE-W1095X Datasheet
859Kb / 7P
   2.4-2.5GHz SMA Stubby Antenna
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
   No External Clock Required.
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
   No External Clock Required
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
   No firmware development required
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
   No heatsink preheating required
logo
Taoglas antenna solutio...
WMA01301151 TAOGLAS-WMA01301151 Datasheet
765Kb / 16P
   Trinity 3dBi 2.4/2.5GHz MIMO Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com