Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2450AT43D100S Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part # 2450AT43D100S
Description  2.45 GHz Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450AT43D100S Datasheet(HTML) 4 Page - Johanson Technology Inc.

  2450AT43D100S Datasheet HTML 1Page - Johanson Technology Inc. 2450AT43D100S Datasheet HTML 2Page - Johanson Technology Inc. 2450AT43D100S Datasheet HTML 3Page - Johanson Technology Inc. 2450AT43D100S Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.45 GHz Antenna
P/N 2450AT43D100
Detail Specification: 11/29/06
Page 4 of 4
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
High Frequency Ceramic Solutions
)
)
)
)
)
)
)
)
)
Ant1 Radiation Patterns
)
)
)
)
)
)
)
)
)
XY-V/XY-H
180°
270°
90°
X
Z
Y
XY-cut scanning direction
XY cut @2.45GHz
Vertical
Horizontal
XZ-V/XZ-H
YZ-V/YZ-H
180°
270°
90°
X
Z
Y
XZ-cut scanning direction
180°
270°
90°
X
Z
Y
YZ-cut scanning direction
XZ cut @2.45GHz
Vertical
Horizontal
YZ cut @2.45GHz
Vertical
Horizontal


Similar Part No. - 2450AT43D100S

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT43A100 JOHANSON-2450AT43A100 Datasheet
188Kb / 3P
   2.45 GHz Antenna
2450AT43A100E JOHANSON-2450AT43A100E Datasheet
487Kb / 6P
   2.45 GHz SMD Chip Antenna
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
2450AT43B100E JOHANSON-2450AT43B100E Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
2450AT43B100S JOHANSON-2450AT43B100S Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
More results

Similar Description - 2450AT43D100S

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT45A100 JOHANSON-2450AT45A100 Datasheet
223Kb / 3P
   2.45 GHz Antenna
2450AT18D0100 JOHANSON-2450AT18D0100 Datasheet
326Kb / 3P
   2.45 GHz Antenna
2450AT43A100 JOHANSON-2450AT43A100 Datasheet
188Kb / 3P
   2.45 GHz Antenna
2450AT42A100E JOHANSON-2450AT42A100E Datasheet
386Kb / 3P
   2.45 GHz Antenna
2450AT18A100 JOHANSON-2450AT18A100 Datasheet
272Kb / 3P
   2.45 GHz Antenna
2450AT42A100 JOHANSON-2450AT42A100 Datasheet
383Kb / 3P
   2.45 GHz Antenna
2450AT42D0100 JOHANSON-2450AT42D0100 Datasheet
197Kb / 4P
   2.45 GHz Antenna
2450AD46A5400 JOHANSON-2450AD46A5400 Datasheet
333Kb / 4P
   2.45 GHz / 5.40 GHz Antenna
logo
TOKO, Inc
DAC2450CT1T TOKO-DAC2450CT1T Datasheet
459Kb / 2P
   2.45 GHZ DIELECTRIC ANTENNA
ASWR03 TOKO-ASWR03 Datasheet
121Kb / 2P
   2.45 GHZ DIELECTRIC ANTENNA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com