Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5S16862 Datasheet(PDF) 3 Page - STMicroelectronics

Part # B5S16862
Description  20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5S16862 Datasheet(HTML) 3 Page - STMicroelectronics

  B5S16862 Datasheet HTML 1Page - STMicroelectronics B5S16862 Datasheet HTML 2Page - STMicroelectronics B5S16862 Datasheet HTML 3Page - STMicroelectronics B5S16862 Datasheet HTML 4Page - STMicroelectronics B5S16862 Datasheet HTML 5Page - STMicroelectronics B5S16862 Datasheet HTML 6Page - STMicroelectronics B5S16862 Datasheet HTML 7Page - STMicroelectronics B5S16862 Datasheet HTML 8Page - STMicroelectronics B5S16862 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
B5S16862
3/9
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Rating are those value beyond which damage to the device may occour. Functional operation under these condition is
not implied
1) IO absolute maximum rating must be observed
2) VO <GND, VO >VCC
3) Not more than one output should be tested at one time. Duration of the test should not exceed one second.
RECOMMENDED OPERATING CONDITIONS
1) VIN from 0.8V to 2V at VCC =3.0V
Symbol
Parameter²
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Switch and Control Pin Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (VCC = 0V) (note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (VI/O=Gnd)
-0.5 to +7.0
V
IIK
DC Input Diode Current (VI/O < 0V)
-50
mA
IOK
DC Output Diode Current (note 2)
-50
mA
IO
DC Output Current (note 3)
128
mA
ICC or IGND DC VCC or Ground Current per Supply Pin
± 100
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (VCC = 0V)
0 to 5.5
V
VO
Output Voltage
0 to 5.5
V
Top
Operating Temperqture
-55 to 125
°C
dt/dv
Switch Input Rise and Fall Time
0 to DC
ns/V
dt/dv
Control Input Rise and Fall Time (note 1)
0 to 10
ns/V


Similar Part No. - B5S16862

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
B5S16861TTR STMICROELECTRONICS-B5S16861TTR Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results

Similar Description - B5S16862

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5S162862 STMICROELECTRONICS-B5S162862 Datasheet
208Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL AND 25W SERIES RESISTOR IN OUTPUT
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
logo
Integrated Device Techn...
IDT74FST1632861 IDT-IDT74FST1632861 Datasheet
78Kb / 6P
   20-BIT, TWO PORT BUS SWITCH WITH RESISTOR
logo
STMicroelectronics
B5S162861 STMICROELECTRONICS-B5S162861 Datasheet
197Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH 25OHM SERIES RESISTOR IN OUTPUT
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com