Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25320YI-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT25320YI-GT3
Description  32-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25320YI-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT25320YI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT25320YI-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT25320
http://onsemi.com
7
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16−bit address
and data as shown in Figure 5. Only 12 significant address
bits are used by the CAT25320. The rest are don’t care bits,
as shown in Table 11. Internal programming will start after
the low to high CS transition. During an internal write cycle,
all commands, except for RDSR (Read Status Register) will
be ignored. The RDY bit will indicate if the internal write
cycle is in progress (RDY high), or the device is ready to
accept commands (RDY low).
Page Write
After sending the first data byte to the CAT25320, the host
may continue sending data, up to a total of 32 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion of the write cycle, the CAT25320 is
automatically returned to the write disable state.
Table 11. BYTE ADDRESS
Device
Address Significant Bits
Address Don’t Care Bits
# Address Clock Pulses
CAT25320
A11 − A0
A15 − A12
16
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
00
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
01
23
45
67
8
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
21 22 23 24 25 26 27 28 29 30 31
Dashed Line = mode (1, 1)
CS
A0
AN
0
* Please check the Byte Address Table (Table 11)
Figure 6. Page WRITE Timing
SCK
SI
SO
00
00
0
1
0
BYTE ADDRESS*
Data
Byte 1
01
23
45
67
8
21 22 23 24−31 32−39
Data Byte N
OPCODE
7..1
0
24+(N−1)x8−1 .. 24+(N−1)x8
24+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
AN
A0
Data
Byte 3
Data
Byte 2
0
* Please check the Byte Address Table (Table 11)


Similar Part No. - CAT25320YI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25320YI-GT3 CATALYST-CAT25320YI-GT3 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25320YI-GT3 ONSEMI-CAT25320YI-GT3 Datasheet
132Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 11
CAT25320YI-GT3 ONSEMI-CAT25320YI-GT3 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
More results

Similar Description - CAT25320YI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25320 ONSEMI-CAT25320_15 Datasheet
132Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 11
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25320 ONSEMI-CAV25320 Datasheet
163Kb / 13P
   32-Kb SPI Serial CMOS EEPROM
October, 2013 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com