Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD150NH02L-1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD150NH02L-1
Description  N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD150NH02L-1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD150NH02L-1 Datasheet HTML 6Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 7Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 8Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 9Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 10Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 11Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 12Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 13Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STD150NH02L
10/16
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Similar Part No. - STD150NH02L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
186Kb / 9P
   N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK??IPAK STripFET??III POWER MOSFET
More results

Similar Description - STD150NH02L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
186Kb / 9P
   N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK??IPAK STripFET??III POWER MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com