Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG3157 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG3157
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Datasheet(HTML) 4 Page - STMicroelectronics

  STG3157_10 Datasheet HTML 1Page - STMicroelectronics STG3157_10 Datasheet HTML 2Page - STMicroelectronics STG3157_10 Datasheet HTML 3Page - STMicroelectronics STG3157_10 Datasheet HTML 4Page - STMicroelectronics STG3157_10 Datasheet HTML 5Page - STMicroelectronics STG3157_10 Datasheet HTML 6Page - STMicroelectronics STG3157_10 Datasheet HTML 7Page - STMicroelectronics STG3157_10 Datasheet HTML 8Page - STMicroelectronics STG3157_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical ratings
STG3157
4/18
Doc ID 9007 Rev 2
2
Electrical ratings
Stressing the device above the ratings listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7.0
V
VI
DC input voltage
-0.5 to VCC + 0.5
V
VIC
DC control input voltage
-0.5 to VCC + 0.5
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIKC
DC input diode current on control pin (VIN < 0V)
±50
mA
IIK
DC input diode current (VIN < 0V)
±50
mA
IOK
DC output diode current
±20
mA
IO
DC output current
+128
mA
ICC or IGND DC VCC or ground current
±100
mA
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 s)
300
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
Truth table guaranteed: 1.2 V to 6.0 V
1.65 to 4.5
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to 5.5
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-55 to 125
°C
dt/dv
Input rise and fall time
control input
VCC = 1.65V to 2.7V
0 to 20
ns/V
VCC = 3.0 to 4.5V
0 to 10


Similar Part No. - STG3157_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

Similar Description - STG3157_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
   Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
   Low voltage 1 廓 single SPDT switch with break-before-make feature
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
   LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
   LOW VOLTAGE 0.5/0.8??MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com