Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9552HV6I-GT2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT9552HV6I-GT2
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552HV6I-GT2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT9552HV6I-GT2 Datasheet HTML 2Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 3Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 4Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 5Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 6Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 9Page - ON Semiconductor CAT9552HV6I-GT2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CAT9552
AC TEST CONDITIONS
Input Pulse Voltage
0.2VCC to 0.8VCC
Input Rise and Fall Times
≤5ns
Input Reference Voltage
0.3VCC, 0.7VCC
Output Reference Voltage
0.5VCC
Output Load
Current source: IOL = 3mA; 400pF for fSCL(max) = 400kHz
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
Figure 1. 2-Wire Serial Interface Timing
PIN DESCRIPTION
SCL: Serial Clock
The serial clock input clocks all data transferred into
or out of the device. The SCL line requires a pull-up
resistor if it is driven by an open drain output.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed
with other open drain or open collector outputs. A pull-
up resistor must be connected from SDA line to VCC.
LED0 to LED15: LED Driver Outputs / General
Purpose I/Os
These pins are open drain outputs used to directly
drive LEDs. Any of these pins can be programmed to
drive the LED ON, OFF, or to Blink Rate1 or Blink
Rate2. A current limiting resistor should be placed in
series with each LED to control the maximum LED
current. When not used for controlling the LEDs, these
pins may be used as general purpose parallel
input/output.
RESET
¯¯¯¯¯¯: External Reset Input
Active low Reset input is used to initialize the
CAT9552 internal registers and the I
2C state machine.
The internal registers are held in their default state
while Reset input is active. An external pull-up resistor
of maximum 25kΩ is required when this pin is not
actively driven.
Doc. No. MD-9005 Rev D
6
© 2010 SCILLC. All rights reserved
Characteristics subject to change without notice


Similar Part No. - CAT9552HV6I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552HV6I-GT2 ONSEMI-CAT9552HV6I-GT2 Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
More results

Similar Description - CAT9552HV6I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
logo
NXP Semiconductors
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
   4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
   2-bit I2C LED driver with programmable blink rates
2003 May 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com