Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9555YI Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT9555YI
Description  16-bit I짼C and SMBus I/O Port with Interrupt
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555YI Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT9555YI Datasheet HTML 6Page - ON Semiconductor CAT9555YI Datasheet HTML 7Page - ON Semiconductor CAT9555YI Datasheet HTML 8Page - ON Semiconductor CAT9555YI Datasheet HTML 9Page - ON Semiconductor CAT9555YI Datasheet HTML 10Page - ON Semiconductor CAT9555YI Datasheet HTML 11Page - ON Semiconductor CAT9555YI Datasheet HTML 12Page - ON Semiconductor CAT9555YI Datasheet HTML 13Page - ON Semiconductor CAT9555YI Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CAT9555
ACKNOWLEDGE
After a successful data transfer, each receiving device
is required to generate an acknowledge. The
acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8
bits of data. The SDA line remains stable LOW during
the HIGH period of the acknowledge related clock
pulse (Figure 7).
The CAT9555 responds with an acknowledge after
receiving a START condition and its slave address. If
the device has been selected along with a write
operation, it responds with an acknowledge after
receiving each data byte.
When the CAT9555 begins a READ mode it transmits
8 bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT9555 will continue to transmit
data. If no acknowledge is sent by the Master, the
device terminates data transmission and waits for a
STOP condition. The master must then issue a stop
condition to return the CAT9555 to the standby power
mode and place the device in a known state.
REGISTERS AND BUS TRANSACTIONS
The CAT9555 internal registers and their address and
function are shown in Table 1.
Table 1. Register Command Byte
Command (hex)
Register
0h
Input Port 0
1h
Input Port 1
2h
Output Port 0
3h
Output Port 1
4h
Polarity Inversion Port 0
5h
Polarity Inversion Port 1
6h
Configuration Port 0
7h
Configuration Port 1
The command byte is the first byte to follow the device
address byte during a write/read bus transaction. The
register command byte acts as a pointer to determine
which register will be written or read.
The input port register is a read only port. It reflects
the incoming logic levels of the I/O pins, regardless of
whether the pin is defined as an input or an output by
the configuration register. Writes to the input port
register are ignored.
Table 2. Registers 0 and 1 – Input Port Registers
bit
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
default
X
X
X
X
X
X
X
X
bit
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
default
X
X
X
X
X
X
X
X
Table 3. Registers 2 and 3 – Output Port Registers
bit
O0.7 O0.6
O0.5
O0.4
O0.3 O0.2 O0.1
O0.0
default
1
1
1
1
1
1
1
1
bit
O1.7 O1.6
O1.5
O1.4
O1.3 O1.2 O1.1
O1.0
default
1
1
1
1
1
1
1
1
Table 4. Registers 4 and 5 – Polarity Inversion
Registers
bit
N0.7 N0.6 N0.5 N0.4 N0.3 N0.2 N0.1 N0.0
default
0
0
0
0
0
0
0
0
bit
N1.7 N1.6 N1.5 N1.4 N1.3 N1.2 N1.1 N1.0
default
0
0
0
0
0
0
0
0
Table 5. Registers 6 and 7 – Configuration
Registers
bit
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
default
1
1
1
1
1
1
1
1
bit
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
default
1
1
1
1
1
1
1
1
18
9
START
SCL FROM
MASTER
BUS RELEASE DELAY (TRANSMITTER)
ACK DELAY (≤ tAA)
ACK SETUP (≥ tSU:DAT)
BUS RELEASE DELAY (RECEIVER
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
)
Figure 7. Acknowledge Timing
Doc. No. MD-9003 Rev. J
10
© 2010 SCILLC. All rights reserved
Characteristics subject to change without notice


Similar Part No. - CAT9555YI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555YI CATALYST-CAT9555YI Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555YI ONSEMI-CAT9555YI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9555YI ONSEMI-CAT9555YI Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
Catalyst Semiconductor
CAT9555YI-T1 CATALYST-CAT9555YI-T1 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
CAT9555YI-T2 CATALYST-CAT9555YI-T2 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results

Similar Description - CAT9555YI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com