Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6221-PGTD-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT6221-PGTD-GT3
Description  300 mA CMOS Dual LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6221-PGTD-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT6221-PGTD-GT3 Datasheet HTML 1Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 2Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT6221-PGTD-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT6221
http://onsemi.com
3
Table 3. ELECTRICAL OPERATING CHARACTERISTICS (Note 3)
(VIN = VOUT + 1.0 V, VEN = High, IOUT = 100 mA, CIN = COUT = 1 mF, ambient temperature of 25°C (over recommended operating
conditions unless specified otherwise). Bold numbers apply for the entire junction temperature range.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT−ACC
Output Voltage Accuracy
Initial accuracy (Note 4)
−1.0
+1.0
%
−2.0
+2.0
TCOUT
Output Voltage Temp. Coefficient
40
ppm/°C
VR−LINE
Line Regulation
VIN = VOUT + 1.0 V to 5.5 V
−0.2
±0.1
+0.2
%/V
−0.4
+0.4
VR−LOAD
Load Regulation
IOUT = 100 mA to 300 mA
0.9
1.5
%
2
VDROP
Dropout Voltage (Note 5)
IOUT = 300 mA
210
280
mV
350
IGND
Ground Current
Both LDOs Enabled
IOUT = 0 mA
100
140
mA
170
Both LDOs Enabled
IOUT = 300 mA
160
One LDO Enabled
IOUT = 0 mA
55
75
90
One LDO Enabled
IOUT = 300 mA
85
IGND−SD
Shutdown Ground Current
VEN < 0.4 V
2
mA
4
PSRR
Power Supply Rejection Ratio
f = 1 kHz
60
dB
f = 20 kHz
45
ISC
Output short circuit current limit
VOUT = 0 V
130
mA
TON
Turn−On Time
150
ms
eN
Output Noise Voltage (Note 6)
BW = 10 Hz to 100 kHz
95
mVrms
ROUT−SH
Shutdown Switch Resistance
250
W
VIN−UVLO
Under voltage lockout threshold
2.15
V
ESR
COUT equivalent series resistance
5
500
mW
ENABLE INPUT (EN1, EN2)
VHI
Logic High Level
VIN = 2.3 to 5.5 V
1.8
V
VLO
Logic Low Level
VIN = 2.3 to 5.5 V
0.4
V
IEN
Enable Input Current
VEN = 0.4 V
0.05
1
mA
VEN = VIN
0.1
1
THERMAL PROTECTION
TSD
Thermal Shutdown
160
°C
THYS
Thermal Hysteresis
10
°C
3. Specification for 2.8 V output version unless specified otherwise.
4. For VOUT < 2.0 V, the initial accuracy is ±2% and across temp is ±3%.
5. Dropout voltage is defined as the input−to−output differential at which the output voltage drops 2% below its nominal value measured at 1 V
differential. During test, the input voltage stays always above the minimum 2.3 V.
6. Specification for 1.8 V output version.


Similar Part No. - CAT6221-PGTD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221-PGTD-G CATALYST-CAT6221-PGTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results

Similar Description - CAT6221-PGTD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com