Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9534YI-GT2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT9534YI-GT2
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9534YI-GT2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT9534YI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 9Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 10Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 11Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 12Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 13Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 14Page - ON Semiconductor CAT9534YI-GT2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT9534
© 2010 SCILLC. All rights reserved
11
Doc. No. MD-9004 Rev. D
Characteristics subject to change without notice
INTERRUPT OUTPUT
CAT9534’s interrupt otuput is an active LOW open-
drain output that is activated when any port pin
configured as an input changes state. The interrupt
output is reset when the input returns to its previous
state or the Input Port Register is read.
Note that changing an I/O from an output to an input
may cause a false interrupt to occur if the state of
the pin does not match the contents of the Input Port
register.
POWER-ON RESET OPERATION
When the power supply is applied to VCC pin, an
internal power-on reset pulse holds the CAT9534 in
a reset state until VCC reaches VPOR level. At this
point, the reset condition is released and the internal
state machine and the CAT9534’s registers are
initialized to their default state.
Figure 10. Read from Register
Figure 11. Read Input Port Register
DATA
S
0
1
0
0
A2
A0
0
A
A1
0
1
0
0
A2 A1 A0
A
DATA
A
acknowledge
from master
acknowledge from slave
R/W
slave address
slave address
data from register
COMMAND BYTE
A
S
1
acknowledge from slave
acknowledge from slave
R/W
At this moment master-transmitter becomes
master-receiver and slave-receiver
becomes slave-transmitter
NA
no acknowledge
from master
data from register
P
last byte
first byte
1
2
3
4
5
6
7
8
9
SCL
SDA
READ FROM
PORT
DATA INTO
PORT
S
0
1
0
0
A2
A0
1
A
A1
A
DATA 4
NA
P
no acknowledge
from master
acknowledge
from master
acknowledge
from slave
R/W
slave address
data from port
start condition
stop
condition
DATA 2
tPS
tPH
DATA 3
DATA 4
DATA 1
data from port
tIV
tIR
INT
DATA 1


Similar Part No. - CAT9534YI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534YI-GT2 ONSEMI-CAT9534YI-GT2 Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
More results

Similar Description - CAT9534YI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com