Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6219-330TDGT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT6219-330TDGT3
Description  500 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6219-330TDGT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT6219-330TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6219-330TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT6219
http://onsemi.com
5
TYPICAL CHARACTERISTICS (shown for 2.80 V output option)
(VIN = 3.85 V, IOUT = 100 mA, CIN 1 mF, = COUT = 2.2 mF, CBYP = 10 nF, TA = 25°C unless otherwise specified.)
Figure 9. Ground Current vs. Load Current
OUTPUT LOAD CURRENT (mA)
500
400
300
200
150
100
50
0
50
60
70
80
90
100
Figure 10. Dropout vs. Temperature
(500 mA Load)
Figure 11. Dropout vs. Load Current
TEMPERATURE (°C)
OUTPUT LOAD CURRENT (mA)
100
80
60
40
20
0
−20
−40
200
250
300
400
450
500
500
400
300
250
200
100
50
0
0
50
100
150
200
250
350
400
Figure 12. Enable Threshold vs. Input Voltage
Figure 13. PSRR vs. Frequency (10 mA Load)
INPUT VOLTAGE (V)
FREQUENCY (Hz)
5.0
5.5
4.5
4.0
3.5
3.0
2.5
2.0
0
0.4
0.8
1.2
1.6
1.0E+01
0
10
20
30
40
50
60
80
250
350
450
120 140
350
150
350
450
300
1.0E+02
1.0E+03
1.0E+04
1.0E+05
70
CBYP = 0
CBYP = 10 nF


Similar Part No. - CAT6219-330TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219-330TDGT3 ONSEMI-CAT6219-330TDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219-330TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com