Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6221 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT6221
Description  300 mA CMOS Dual LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6221 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT6221 Datasheet HTML 1Page - ON Semiconductor CAT6221 Datasheet HTML 2Page - ON Semiconductor CAT6221 Datasheet HTML 3Page - ON Semiconductor CAT6221 Datasheet HTML 4Page - ON Semiconductor CAT6221 Datasheet HTML 5Page - ON Semiconductor CAT6221 Datasheet HTML 6Page - ON Semiconductor CAT6221 Datasheet HTML 7Page - ON Semiconductor CAT6221 Datasheet HTML 8Page - ON Semiconductor CAT6221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 1
1
Publication Order Number:
CAT6221/D
CAT6221
300 mA CMOS Dual LDO
Regulator
Description
The 300 mA CMOS Dual LDO CAT6221 combines in a single
TSOT−23 6−lead package two low dropout regulators (LDO), each
with its own enable pin.
The regulator outputs drive loads up to 300 mA. By design, the dual
LDO provides fast response time during load current and line voltage
changes.
Each LDO is optimized for low noise and high crosstalk isolation.
With zero shut down current and a low quiescent current of 100
mA,
the dual LDO is ideal for battery−operated devices with supply voltage
from 2.3 V to 5.5 V.
The dual LDO offers 1% initial accuracy and very low dropout
voltage, typical 210 mV at 300 mA. Stable operation is provided with
small 1
mF ceramic output capacitors, reducing required board space
and component cost.
Other features include fold−back current limit and thermal
protection.
The dual LDO is available in the tiny 6−lead TSOT−23 package
with a maximum height of 0.8 mm.
Features
Two Outputs with Guaranteed 300 mA Peak Output Current
Low Dropout Voltages of 210 mV Typical at 300 mA
Stable with Ceramic Output Capacitors
Independent Enable Pins
Under Voltage Lockout
No−load Ground Current of 100 mA Typical
Full−load Ground Current of 160 mA Typical
±1.0% Output Voltage Initial Accuracy (VOUT ≥ 2.0 V)
±2.0% Accuracy Over Temperature (VOUT ≥ 2.0 V)
“Zero” Current Shutdown Mode
Fold−back Current Limit and Thermal Protection
TSOT−23 6−lead, 0.8 mm Height Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Cellular Phones
Battery−powered Devices
Consumer Electronics
http://onsemi.com
TSOT−23
TD SUFFIX
CASE 419AF
PIN CONNECTIONS
T3YM
MARKING DIAGRAM
1
6
(Top View)
VOUT1
VOUT2
EN1
VIN
EN2
1
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
Enable input (active high) for
VOUT1.
1
Supply voltage input.
2
Enable input (active high) for
VOUT2.
3
LDO Output Voltage 2.
4
Ground reference.
5
Function
Pin #
PIN FUNCTION
Name
EN1
VIN
EN2
VOUT2
GND
T3 = CAT6221 Device Code
Y = Production Year (last digit)
M = Production Month: 1 − 9, A, B, C
GND
LDO Output Voltage 1.
6
VOUT1


Similar Part No. - CAT6221

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
CAT6221-JFTD-G CATALYST-CAT6221-JFTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
CAT6221-JGTD-G CATALYST-CAT6221-JGTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
CAT6221-JLTD-G CATALYST-CAT6221-JLTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
CAT6221-JPTD-G CATALYST-CAT6221-JPTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results

Similar Description - CAT6221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com